Electronic Components Datasheet Search
  English  ▼

X  

AM79Q031JC Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # AM79Q031JC
Description  Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AM79Q031JC Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button AM79Q031JC Datasheet HTML 38Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 39Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 40Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 41Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 42Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 43Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 44Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 45Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 68 page
background image
42
Am79Q02/021/031 Data Sheet
Master Clock Frequency
CSEL = 0000
1.536 MHz
CSEL = 0001
1.544 MHz
CSEL = 0010
2.048 MHz
CSEL = 0011
Reserved
CSEL = 01xx
Two times frequency specified above (2 x 1.536 MHz,
2 x 1.544 MHz, or 2 x 2.048 MHz)
CSEL = 10xx
Four times frequency specified above (4 x 1.536 MHz,
4 x 1.544 MHz, or 4 x 2.048 MHz)
CSEL = 11xx
Reserved
CSEL = 1010*
8.192 MHz is the default
These commands do not depend on the state of the Channel Enable Register.
* Power Up and Hardware Reset (RST) Value = 9Ah.
14, 15. Write/Read Channel Enable and Operating Mode Register
MPI Command
(4A/4B)
R/W = 0: Write
R/W = 1: Read
RSVD
Reserved for future use. Always write as 0, but 0 is not guaranteed when read.
Robbed-bit Mode
RBE = 0*
Robbed-bit Signaling mode is disabled.
RBE = 1
Robbed-bit Signaling mode is enabled on PCM receiver if
µ-law is
selected.
VOUT Mode
VMODE = 0*
VOUT = VREF through a resistor when channel is deactivated
VMODE = 1
VOUT high impedance when channel is deactivated.
Low Power Mode
LPM = 0*
Low Power mode off
LPM = 1
Low Power mode on while all channels are inactive
Channel Enable 4
EC4 = 0
Disabled, Channel 4 cannot receive commands
EC4 = 1*
Enabled, Channel 4 can receive commands
Channel Enable 3
EC3 = 0
Disabled, Channel 3 cannot receive commands
EC3 = 1*
Enabled, Channel 3 can receive commands
Channel Enable 2
EC2 = 0
Disabled, Channel 2 cannot receive commands
EC2 = 1*
Enabled, Channel 2 can receive commands
Channel Enable 1
EC1 = 0
Disabled, Channel 1 cannot receive commands
EC1 = 1*
Enabled, Channel 1 can receive commands
* Power Up and Hardware Reset (RST) Value = 0Fh.
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
1
0
0
1
0
1
R/W
I/O Data
RSVD
RBE
VMODE
LPM
EC4
EC3
EC2
EC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com