Electronic Components Datasheet Search
  English  ▼

X  

AM79Q031JC Datasheet(PDF) 57 Page - List of Unclassifed Manufacturers

Part # AM79Q031JC
Description  Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AM79Q031JC Datasheet(HTML) 57 Page - List of Unclassifed Manufacturers

Back Button AM79Q031JC Datasheet HTML 53Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 54Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 55Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 56Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 57Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 58Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 59Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 60Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 61Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 68 page
background image
SLAC Products
57
In the QSLAC device, a coefficient, hi, consists of N CSD
coefficients, each being made up of 4 bits and formatted
as Cxy mxy, where Cxy is 1 bit (MSB) and mxy is 3 bits.
Each CSD coefficient is broken down as follows:
Cxy
is the sign bit (0 = positive, 1 = negative).
mxy
is the 3-bit shift code. It is encoded as a binary
number as follows:
000:
0 shifts
001:
1 shifts
010:
2 shifts
011:
3 shifts
100:
4 shifts
101:
5 shifts
110:
6 shifts
111:
7 shifts
y
is the coefficient number (the i in hi).
x is the position of this CSD coefficient within the hi
coefficient. The most significant binary 1 is represented
by x = 1. The next most significant binar y 1 is
represented by x = 2, and so on.
Thus, C13 m13 represents the sign and the relative
shift position for the first (most significant) binary 1 in
the 4th (h3) coefficient.
The number of CSD coefficients, N, is limited to 4 in
the GR, GX, R, X, and Z filters; 4 in the IIR part of the
B filter; 3 in the FIR part of the B filter; and 2 in the
post-gain factor of the Z-IIR filter. The GX filter
coefficient equation is slightly different from the other
filters.
Equation 8
Please refer to the section detailing the commands for
complete details on programming the coefficients.
User Test States and Operating Conditions
The QSLAC device supports testing by providing test
states and special operating conditions as shown in
Figure 9 (see Operating Conditions register).
Cutoff Transmit Path (CTP): When CTP = 1, DX and
TSC are high impedance and the transmit time slot
does not exist. This state takes precedence over the
TSA Loopback (TLB) and Full Digital Loopback (FDL)
states.
Cutoff Receive Path (CRP): When CRP = 1, the
receive signal is forced to 0 just ahead of the low pass
filter (LPF) block. This state also blocks Full Digital
Loopback (FDL), the 1 kHz receive tone, and the B-
filter path.
High Pass Filter Disable (HPF): When HPF = 1, all
of the high pass and notch filters in the transmit path
are disabled.
Lower Receive Gain (LRG): When LRG = 1, an extra
6.02 dB of loss is inserted into the receive path.
Arm Transmit Interrupt (ATI) and Read Transmit
PCM Data: The read transmit PCM data command,
Command 47, can be used to read transmit PCM data
through the microprocessor interface. If the ATI bit is
set, an interrupt will be generated whenever new
transmit data appears in the channel and will be
cleared when the data is read. When combined with
Tone Generation and Loopback states, this allows the
microprocessor to test channel integrity.
TSA Loopback (TLB): When TLB = 1, data from the
TSA receive path is looped back to the TSA transmit
path. Any other data in the transmit path is overwritten.
Full Digital Loopback (FDL): When FDL = 1, the
VOUT output is turned off and the analog output volt-
age is routed to the input of the receive path, replacing
the voltage from VIN. The AISN path is temporarily
turned off. This test state can also be entered by writ-
ing the code 10000 into the AISN register.
1 kHz Receive Tone (TON): When TON = 1, a 1 kHz
digital milliwatt is injected into the receive path,
replacing any receive signal from the TSA.
hiGX
1hi
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com