Electronic Components Datasheet Search
  English  ▼

X  

AM79Q031JC Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # AM79Q031JC
Description  Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AM79Q031JC Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button AM79Q031JC Datasheet HTML 18Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 19Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 20Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 21Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 22Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 23Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 24Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 25Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 68 page
background image
22
Am79Q02/021/031 Data Sheet
Microprocessor Interface (Input Mode)
Microprocessor Interface (Output Mode)
Data
Valid
Data
Valid
Outputs
C5–C1
Data
Valid
Data
Valid
VIH
VIL
DCLK
Data
Valid
DI/O
21108-019
CS
VIH
VIL
1
2
5
3
4
6
10
8
11
12
9
7
DCLK
Data
Valid
Data
Valid
DI/O
Three-State
VOL
VOH
Data
Valid
Three-State
21108A-020
VIH
VIL
CS
13
17
20
18
15
14
16
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com