Electronic Components Datasheet Search
  English  ▼

X  

LAN9117 Datasheet(PDF) 13 Page - SMSC Corporation

Part # LAN9117
Description  HIGH PERFORMANCE SINGLE-CHIP 10/100 NON-PCI ETHERNET CONTROLLER
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9117 Datasheet(HTML) 13 Page - SMSC Corporation

Back Button LAN9117 Datasheet HTML 9Page - SMSC Corporation LAN9117 Datasheet HTML 10Page - SMSC Corporation LAN9117 Datasheet HTML 11Page - SMSC Corporation LAN9117 Datasheet HTML 12Page - SMSC Corporation LAN9117 Datasheet HTML 13Page - SMSC Corporation LAN9117 Datasheet HTML 14Page - SMSC Corporation LAN9117 Datasheet HTML 15Page - SMSC Corporation LAN9117 Datasheet HTML 16Page - SMSC Corporation LAN9117 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 131 page
background image
High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
Datasheet
SMSC LAN9117
13
Revision 1.1 (05-17-05)
DATASHEET
The host bus interface is the primary bus for connection to the embedded host system. This interface
models an asynchronous SRAM. TX FIFO, RX FIFO, and CSR’s are accessed through this interface.
Programmed I/O transactions are supported.
The LAN9117 host bus interface supports 16-bit bus transfers; internally, all data paths are 32-bits
wide. The LAN9117 can be interfaced to either Big-Endian or Little-Endian processors.
The host bus data Interface is responsible for host address decoding and data bus steering. The host
bus interface handles the 16 to 32-bit conversion. Additionally, when Big Endian mode is selected, the
data path to the internal controller registers will be reorganized accordingly.
1.11
External MII Interface
The LAN9117 also supports the ability to interface to an external PHY device. This interface is
compatible with all IEEE 802.3 MII compliant physical layer devices. For additional information on the
MII interface and associated signals, please refer to Section 3.12, "MII Interface - External MII
Switching," on page 43 for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com