Electronic Components Datasheet Search
  English  ▼

X  

LAN9117 Datasheet(PDF) 85 Page - SMSC Corporation

Part # LAN9117
Description  HIGH PERFORMANCE SINGLE-CHIP 10/100 NON-PCI ETHERNET CONTROLLER
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9117 Datasheet(HTML) 85 Page - SMSC Corporation

Back Button LAN9117 Datasheet HTML 81Page - SMSC Corporation LAN9117 Datasheet HTML 82Page - SMSC Corporation LAN9117 Datasheet HTML 83Page - SMSC Corporation LAN9117 Datasheet HTML 84Page - SMSC Corporation LAN9117 Datasheet HTML 85Page - SMSC Corporation LAN9117 Datasheet HTML 86Page - SMSC Corporation LAN9117 Datasheet HTML 87Page - SMSC Corporation LAN9117 Datasheet HTML 88Page - SMSC Corporation LAN9117 Datasheet HTML 89Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 131 page
background image
High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
Datasheet
SMSC LAN9117
85
Revision 1.1 (05-17-05)
DATASHEET
5.3.12
TX_FIFO_INF—Transmit FIFO Information Register
This register contains the free space in the transmit data FIFO and the used space in the transmit
status FIFO in the LAN9117.
5.3.13
PMT_CTRL— Power Management Control Register
This register controls the Power Management features. This register can be read while the
LAN9117
is in a power saving mode.
Note: The LAN9117 must always be read at least once after power-up, reset, or upon return from a
power-saving state or write operations will not function.
Offset:
80h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31-24
Reserved
RO
-
23-16
TX Status FIFO Used Space (TXSUSED). Indicates the amount of space
in DWORDS used in the TX Status FIFO.
RO
00h
15-0
TX Data FIFO Free Space (TDFREE). Reads the amount of space in bytes,
available in the TX data FIFO. The application should never write more data
than is available, as indicated by this value.
RO
1200h
Offset:
84h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:14
RESERVED
RO
-
13-12
Power Management Mode (PM_MODE)
– These bits set the LAN9117 into
the appropriate Power Management mode. Special care must be taken when
modifying these bits.
Encoding:
00b – D0 (normal operation)
01b – D1 (wake-up frame and magic packet detection are enabled)
10b – D2 (can perform energy detect)
11b – RESERVED - Do not set in this mode
Note:
When the LAN9117 is in a any of the reduced power modes, a write
of any data to the BYTE_TEST register will wake-up the device. DO
NOT PERFORM WRITES TO OTHER ADDRRESSES while the
READY bit in this register is cleared.
SC
00b
11
RESERVED
RO
-
10
PHY Reset (PHY_RST) – Writing a ‘1’ to this bit resets the PHY. The internal
logic automatically holds the PHY reset for a minimum of 100us. When the
PHY is released from reset, this bit is automatically cleared. All writes to this
bit are ignored while this bit is high.
SC
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com