Electronic Components Datasheet Search
  English  ▼

X  

LAN9117 Datasheet(PDF) 44 Page - SMSC Corporation

Part # LAN9117
Description  HIGH PERFORMANCE SINGLE-CHIP 10/100 NON-PCI ETHERNET CONTROLLER
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9117 Datasheet(HTML) 44 Page - SMSC Corporation

Back Button LAN9117 Datasheet HTML 40Page - SMSC Corporation LAN9117 Datasheet HTML 41Page - SMSC Corporation LAN9117 Datasheet HTML 42Page - SMSC Corporation LAN9117 Datasheet HTML 43Page - SMSC Corporation LAN9117 Datasheet HTML 44Page - SMSC Corporation LAN9117 Datasheet HTML 45Page - SMSC Corporation LAN9117 Datasheet HTML 46Page - SMSC Corporation LAN9117 Datasheet HTML 47Page - SMSC Corporation LAN9117 Datasheet HTML 48Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 131 page
background image
High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
Datasheet
Revision 1.1 (05-17-05)
44
SMSC LAN9117
DATASHEET
■
Set EXT_PHY_SEL described in Section 5.3.9, "HW_CFG—Hardware Configuration Register" to
the desired MII port. This step switches the RXD[3:0], RX_DV, RX_ER, TXD[3:0], TX_EN, CRS
and COL signals to the desired port.
■
Set PHY_CLK_SEL described in Section 5.3.9, "HW_CFG—Hardware Configuration Register" to
the desired port. This must be the same port that is selected by EXT_PHY_SEL.
■
The host must wait a period of time of not less than 5 cycles of the slowest, newly enabled clock
before executing the next step in this procedure.
■
Enable theLAN9117 transmitter.
■
Enable the LAN9117 receiver.
The process is complete. The LAN9117 is now operational using the newly selected MII device.
The above procedure must be repeated each time the MII port is switched. The procedure is identical
when switching from internal PHY to external MII, or vice-versa.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com