Electronic Components Datasheet Search
  English  ▼

X  

LAN9117 Datasheet(PDF) 32 Page - SMSC Corporation

Part # LAN9117
Description  HIGH PERFORMANCE SINGLE-CHIP 10/100 NON-PCI ETHERNET CONTROLLER
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9117 Datasheet(HTML) 32 Page - SMSC Corporation

Back Button LAN9117 Datasheet HTML 28Page - SMSC Corporation LAN9117 Datasheet HTML 29Page - SMSC Corporation LAN9117 Datasheet HTML 30Page - SMSC Corporation LAN9117 Datasheet HTML 31Page - SMSC Corporation LAN9117 Datasheet HTML 32Page - SMSC Corporation LAN9117 Datasheet HTML 33Page - SMSC Corporation LAN9117 Datasheet HTML 34Page - SMSC Corporation LAN9117 Datasheet HTML 35Page - SMSC Corporation LAN9117 Datasheet HTML 36Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 131 page
background image
High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
Datasheet
Revision 1.1 (05-17-05)
32
SMSC LAN9117
DATASHEET
If an 0xA5h is not read from the first address, the EEPROM controller will end initialization. It is then
the responsibility of the host LAN driver software to set the IEEE address by writing to the MAC’s
ADDRH and ADDRL registers.
The host can initiate a reload of the MAC address from the EEPROM by issuing the RELOAD
command via the E2P command (E2P_CMD) register. If the first byte read from the EEPROM is not
A5h, it is assumed that the EEPROM is not present, or not programmed, and the MAC address reload
will fail. The “MAC Address Loaded” bit indicates a successful reload of the MAC address.
3.9.2
EEPROM Host Operations
After the EEPROM controller has finished reading (or attempting to read) the MAC after power-on, hard
reset or soft reset, the host is free to perform other EEPROM operations. EEPROM operations are
performed using the E2P_CMD and E2P data (E2P_DATA) registers. Section 5.3.23, "E2P_CMD –
EEPROM Command Register," on page 94 provides an explanation of the supported EEPROM
operations.
If the EEPROM operation is the “write location” (WRITE) or “write all” (WRAL) commands, the host
must first write the desired data into the E2P_DATA register. The host must then issue the WRITE or
WRAL command using the E2P_CMD register by setting the EPC_CMD field appropriately. If the
operation is a WRITE, the EPC_ADDR field in E2P_CMD must also be set to the desired location. The
command is executed when the host sets the EPC_BSY bit high. The completion of the operation is
indicated when the EPC_BSY bit is cleared.
If the EEPROM operation is the “read location” (READ) operation, the host must issue the READ
command using the E2P_CMD with the EPC_ADDR set to the desired location. The command is
executed when the host sets the EPC_BSY bit high. The completion of the operation is indicated when
the EPC_BSY bit is cleared, at which time the data from the EEPROM may be read from the
E2P_DATA register.
Other EEPROM operations are performed by writing the appropriate command to the EPC_CMD
register. The command is executed when the host sets the EPC_BSY bit high. The completion of the
operation is indicated when the EPC_BSY bit is cleared. In all cases the host must wait for EPC_BSY
to clear before modifying the E2P_CMD register.
Note: The EEPROM device powers-up in the erase/write disabled state. To modify the contents of
the EEPROM the host must first issue the EWEN command.
If an operation is attempted, and an EEPROM device does not respond within 30mS, the LAN9117
will timeout, and the EPC timeout bit (EPC_TO) in the E2P_CMD register will be set.
Figure 3.3, "EEPROM Access Flow Diagram" illustrates the host accesses required to perform an
EEPROM Read or Write operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com