Electronic Components Datasheet Search
  English  ▼

X  

LAN9117 Datasheet(PDF) 89 Page - SMSC Corporation

Part # LAN9117
Description  HIGH PERFORMANCE SINGLE-CHIP 10/100 NON-PCI ETHERNET CONTROLLER
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9117 Datasheet(HTML) 89 Page - SMSC Corporation

Back Button LAN9117 Datasheet HTML 85Page - SMSC Corporation LAN9117 Datasheet HTML 86Page - SMSC Corporation LAN9117 Datasheet HTML 87Page - SMSC Corporation LAN9117 Datasheet HTML 88Page - SMSC Corporation LAN9117 Datasheet HTML 89Page - SMSC Corporation LAN9117 Datasheet HTML 90Page - SMSC Corporation LAN9117 Datasheet HTML 91Page - SMSC Corporation LAN9117 Datasheet HTML 92Page - SMSC Corporation LAN9117 Datasheet HTML 93Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 131 page
background image
High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
Datasheet
SMSC LAN9117
89
Revision 1.1 (05-17-05)
DATASHEET
5.3.16
GPT_CNT-General Purpose Timer Current Count Register
This register reflects the current value of the GP Timer.
5.3.17
ENDIAN—Endian Control
This register controls the Endianess of the LAN9117.
Offset:
90h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31-16
Reserved
RO
-
15-0
General Purpose Timer Current Count (GPT_CNT). This 16-bit field
reflects the current value of the GP Timer.
RO
FFFFh
Offset:
98h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:0
Endian. If this field is set to 0xFFFFFFFFh, the LAN9117 is configured to
operate with most host big-endian processors using a 16-bit interface. If this
field is set to anything else, the LAN9117 is configured to operate with native
16-bit Little-Endian processors.
Notes:
■ Please refer to Section 3.6.1, "Bus Writes" for additional information.
■ The value of this field is only significant when configured for 16-bit
operation.
R/W
NASR
00000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com