Electronic Components Datasheet Search
  English  ▼

X  

LAN9117 Datasheet(PDF) 73 Page - SMSC Corporation

Part # LAN9117
Description  HIGH PERFORMANCE SINGLE-CHIP 10/100 NON-PCI ETHERNET CONTROLLER
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9117 Datasheet(HTML) 73 Page - SMSC Corporation

Back Button LAN9117 Datasheet HTML 69Page - SMSC Corporation LAN9117 Datasheet HTML 70Page - SMSC Corporation LAN9117 Datasheet HTML 71Page - SMSC Corporation LAN9117 Datasheet HTML 72Page - SMSC Corporation LAN9117 Datasheet HTML 73Page - SMSC Corporation LAN9117 Datasheet HTML 74Page - SMSC Corporation LAN9117 Datasheet HTML 75Page - SMSC Corporation LAN9117 Datasheet HTML 76Page - SMSC Corporation LAN9117 Datasheet HTML 77Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 131 page
background image
High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
Datasheet
SMSC LAN9117
73
Revision 1.1 (05-17-05)
DATASHEET
5.3.1
ID_REV—Chip ID and Revision
This register contains the ID and Revision fields for this design.
5.3.2
IRQ_CFG—Interrupt Configuration Register
This register configures and indicates the state of the IRQ signal.
ACh
AFC_CFG
Automatic Flow Control Configuration
00000000h
B0h
E2P_CMD
EEPROM command (The EEPROM is
indexed through this register)
00000000h
B4h
E2P_DATA
EEPROM Data
00000000h
B8h - FCh
RESERVED
Reserved for future use
-
Offset:
50h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31-16
Chip ID. This read-only field identifies this design
RO
0117h
15-0
Chip Revision. This is the current revision of the chip.
RO
0001h
Offset:
54h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:24
Interrupt Deassertion Interval (INT_DEAS). This field determines the
Interrupt Deassertion Interval for the Interrupt Request in multiples of 10
microseconds.
Writing zeros to this field disables the INT_DEAS Interval and resets the
interval counter. Any pending interrupts are then issued. If a new, non-
zero value is written to the INT_DEAS field, any subsequent interrupts
will obey the new setting.
Note:
The Interrupt Deassertion interval does not apply to the PME
interrupt.
R/W
0
23-15
Reserved
RO
-
Table 5.1 LAN9117 Direct Address Register Map (continued)
CONTROL AND STATUS REGISTERS
BASE ADDRESS
+ OFFSET
SYMBOL
REGISTER NAME
DEFAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com