Electronic Components Datasheet Search
  English  ▼

X  

FC8130 Datasheet(PDF) 5 Page - First Silicon Co., Ltd

Part # FC8130
Description  Ultra High-PSRR, Low-Noise, 300mA C MOS Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC8130 Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  FC8130 Datasheet HTML 1Page - First Silicon Co., Ltd FC8130 Datasheet HTML 2Page - First Silicon Co., Ltd FC8130 Datasheet HTML 3Page - First Silicon Co., Ltd FC8130 Datasheet HTML 4Page - First Silicon Co., Ltd FC8130 Datasheet HTML 5Page - First Silicon Co., Ltd FC8130 Datasheet HTML 6Page - First Silicon Co., Ltd FC8130 Datasheet HTML 7Page - First Silicon Co., Ltd FC8130 Datasheet HTML 8Page - First Silicon Co., Ltd FC8130 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2015. 4. 23
Revision No : 0
FC8130
Package
Vout
Product ID.
Marking
Packing
SC-82-4
0.8V
FC8130-08VJ04NRR
8130
Tra cking Code
4
3
1
2
PIN1 DOT
Tape & Reel
3Kpcs
1.0V
FC8130-10VJ04NRR
1.2V
FC8130-12VJ04NRR
1.3V
FC8130-13VJ04NRR
1.5V
FC8130-15VJ04NRR
1.8V
FC8130-18VJ04NRR
2.5V
FC8130-25VJ04NRR
2.8V
FC8130-28VJ04NRR
3.0V
FC8130-30VJ04NRR
3.3V
FC8130-33VJ04NRR
5/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com