Electronic Components Datasheet Search
  English  ▼

X  

FC8130 Datasheet(PDF) 7 Page - First Silicon Co., Ltd

Part # FC8130
Description  Ultra High-PSRR, Low-Noise, 300mA C MOS Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC8130 Datasheet(HTML) 7 Page - First Silicon Co., Ltd

Back Button FC8130 Datasheet HTML 3Page - First Silicon Co., Ltd FC8130 Datasheet HTML 4Page - First Silicon Co., Ltd FC8130 Datasheet HTML 5Page - First Silicon Co., Ltd FC8130 Datasheet HTML 6Page - First Silicon Co., Ltd FC8130 Datasheet HTML 7Page - First Silicon Co., Ltd FC8130 Datasheet HTML 8Page - First Silicon Co., Ltd FC8130 Datasheet HTML 9Page - First Silicon Co., Ltd FC8130 Datasheet HTML 10Page - First Silicon Co., Ltd FC8130 Datasheet HTML 11Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
2015. 4. 23
7/16
Revision No : 0
FC8130
J)
Absolute Maximum Ratings (Notes 1, 2)
IN, EN, OUT
-0.3V to 6.5V
Power Dissipation
(Note 6)
Storage Temperature Range
-65°C to 150°C
Junction Temperature (TJ)
150°C
Lead Temperature ( Soldering, 10 sec.)
260°C
ESD Rating
Human Body Mode l
2KV
Machine Model
200V
Operating Ratings (Note 1, 2)
Supply Voltage
1.7V to 5.5V
Operating Temperature Range
-40°C to 85°C
Thermal Resistance :
Symbol
θJA(Note 3)
θJc(Note 4 )
SOT-23-5
152(℃/W)
81(℃/W)
uDFN-4
110(℃/W)
23(℃/W)
SC-70-5
331(℃/W)
115 (℃/W)
SC-82-4
331(℃/W)
115 (℃/W)
Electrical Characteristics
Unless otherwise specified, all limits guaranteed for V N = VOUT +1V (Note 5), VEN=V N, C N = COUT = 1µF, TA = 25°C. Boldface
limits apply for the operating temperature extremes: -40°C and 85°C.
Symbol
Parameter
Conditions
Min
Typ
(Note 7)
Max
Units
VIN
Input Voltage
1.7
5.5
V
V OUT
Output Voltage
0.8
4.0
V
Δ V OTL
Output Voltage Tolerance
Vout> 2.0V, T=25℃
X0.99
X1.01
V
Vout< =2.0V, T=25℃
-20
+20
mV
Vout>2V, -40~85℃
X0.97
X1.03
V
Vout< =2V, -40~85℃
-60
60
mV
IOUT
Maximum Output Current
Average DC Current Rating
300
mA
Icl
Current Limit
Vin=Vout+1V
420
mA
ISC
Short Current Limit
40
mA
IQ
Quiescent C urrent
IOUT = 0mA
52
75
µA
ISD
Shutdown Supply Current
V OUT = 0V, EN = GND
0.2
1
µA
V DO
Dropout Voltage (Note 5 )
IOUT = 300mA , Vout=0.8V
860
mV
IOUT = 300mA , Vout=1.2V
580
IOUT = 300mA , Vout=1.5V
440
IOUT = 300mA , Vout=1.8V
380
IOUT = 300mA , Vout=2.8V
290
IOUT = 300mA , Vout=3.3V
260
Δ V OUT
Line Regulation
IOUT = 1mA, (VOUT + 1V) ≤V N ≤5.5V
0.02
0.1
%/V
Load Regulation
1mA ≤IOUT ≤300mA
10
30
mV
PSRR
Power supply rejection ratio
f = 1kHz, Ripple 0.2 Vp-p,
Vin=Set Vout +1V, Iout = 30mA
75
dB
en
Output Voltage Noise
V OUT=0.8V, IOUT=30mA,
10Hz ≤f ≤100kHz
40
µV RMS
V EN
EN Input Threshold
1.0
V
0.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com