Electronic Components Datasheet Search
  English  ▼

X  

FC8130 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FC8130
Description  Ultra High-PSRR, Low-Noise, 300mA C MOS Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC8130 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FC8130 Datasheet HTML 1Page - First Silicon Co., Ltd FC8130 Datasheet HTML 2Page - First Silicon Co., Ltd FC8130 Datasheet HTML 3Page - First Silicon Co., Ltd FC8130 Datasheet HTML 4Page - First Silicon Co., Ltd FC8130 Datasheet HTML 5Page - First Silicon Co., Ltd FC8130 Datasheet HTML 6Page - First Silicon Co., Ltd FC8130 Datasheet HTML 7Page - First Silicon Co., Ltd FC8130 Datasheet HTML 8Page - First Silicon Co., Ltd FC8130 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
2015. 4. 23
1/16
SEMICONDUCTOR
TECHNICAL DATA
FC8130
Revision No : 0
Ultra High-PSRR, Low-Noise, 300mA CMOS Linear Regulator
General Description
The FC8130 features ultra-high power supply
rejection ratio, low output voltage noise, low
dropout voltage, low quiescent current and fast
transient response. It guarantees delivery of 300mA
output current and supports preset output voltages
ranging from 0.8V to 4.0 V with 0.1V increment.
Based on its low quiescent current consumption and
its less than 1uA shutdown mode of logical operation,
the FC8130 is idelal for battery-powerded
applications . The high power supply rejection ratio
of the FC8130 holds well for low input voltages
typically encountered in battery-operated systems.
The regulator is stable with small ceramic capacitive
loads (1µF typical).
The FC8130 is available in miniature SOT-23-5,
uDFN-4, SC-70-5 and SC-82-4 package.
Applications
 Wireless handsets
 PCMCIA cards
 DSP core power
 Hand-held instruments
 Battery-powered systems
 Portable information appliances
Features
 300mA guaranteed output current
 75dB typical PSRR at 1kHz
 260mV (VOUT=3.3V) typical dropout at 300mA
 52µA typical quiescent current
 Less than 1µA typical shutdown mode
 Fast line and load transient response
 1.7V to 5.5V input range
 Auto-discharge during chip disable
 0.8V to 4.0V output voltage range
 Stable with small ceramic output capacitors
 Fold-back over current protection
±1% output voltage tolerance
Typical Application
IN
OUT
V N
V OUT
FC8130
EN
G ND
1uF
Ceramic
Capacitor
ON/OFF
1uF
Ceramic
Capacitor


Similar Part No. - FC8130

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FC810 SANYO-FC810 Datasheet
50Kb / 2P
15V, 700mA Rectifier
More results

Similar Description - FC8130

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5312 ANPEC-APL5312 Datasheet
258Kb / 15P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007 Datasheet
205Kb / 5P
300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1210 YOBON-YB1210 Datasheet
449Kb / 12P
300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
Anpec Electronics Corop...
APL5312 ANPEC-APL5312_09 Datasheet
237Kb / 15P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
ACE Technology Co., LTD...
ACE525C ACE-ACE525C Datasheet
921Kb / 9P
300mA High PSRR, Linear Regulator
VER 1.4
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320 Datasheet
424Kb / 25P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Monolithic Power System...
MP20041 MPS-MP20041 Datasheet
364Kb / 11P
Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
MP20044 MPS-MP20044 Datasheet
397Kb / 11P
Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1210R YOBON-YB1210R Datasheet
388Kb / 12P
300mA, Ultra-Low-Noise, High PSRR LDO Regulator
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com