Electronic Components Datasheet Search
  English  ▼

X  

FC8130 Datasheet(PDF) 10 Page - First Silicon Co., Ltd

Part # FC8130
Description  Ultra High-PSRR, Low-Noise, 300mA C MOS Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC8130 Datasheet(HTML) 10 Page - First Silicon Co., Ltd

Back Button FC8130 Datasheet HTML 6Page - First Silicon Co., Ltd FC8130 Datasheet HTML 7Page - First Silicon Co., Ltd FC8130 Datasheet HTML 8Page - First Silicon Co., Ltd FC8130 Datasheet HTML 9Page - First Silicon Co., Ltd FC8130 Datasheet HTML 10Page - First Silicon Co., Ltd FC8130 Datasheet HTML 11Page - First Silicon Co., Ltd FC8130 Datasheet HTML 12Page - First Silicon Co., Ltd FC8130 Datasheet HTML 13Page - First Silicon Co., Ltd FC8130 Datasheet HTML 14Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
2015. 4. 23
10/16
Revision No : 0
FC8130
Typical Performance Characteristics (cont.)
Unless otherwise specified, VN= VOUT (NOM) + 1V, VEN=V N, C N = COUT = 1µF, TA = 25°C
Enable Response (V OUT=0.8V)
Disable Response (V OUT=0.8V)
Line transient (Iout=30mA,Vin=4.3V~5.3V,VOUT=3.3V)
Line transient (Iout=300mA,Vin=4.3V~5.3V,VOUT=3.3V)
Load transient (VOUT=0.8V, IOUT=50mA to 100mA)
Load transient (VOUT=0.8V, IOUT=1mA to 300mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com