Electronic Components Datasheet Search
  English  ▼

X  

FC8130 Datasheet(PDF) 9 Page - First Silicon Co., Ltd

Part # FC8130
Description  Ultra High-PSRR, Low-Noise, 300mA C MOS Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC8130 Datasheet(HTML) 9 Page - First Silicon Co., Ltd

Back Button FC8130 Datasheet HTML 5Page - First Silicon Co., Ltd FC8130 Datasheet HTML 6Page - First Silicon Co., Ltd FC8130 Datasheet HTML 7Page - First Silicon Co., Ltd FC8130 Datasheet HTML 8Page - First Silicon Co., Ltd FC8130 Datasheet HTML 9Page - First Silicon Co., Ltd FC8130 Datasheet HTML 10Page - First Silicon Co., Ltd FC8130 Datasheet HTML 11Page - First Silicon Co., Ltd FC8130 Datasheet HTML 12Page - First Silicon Co., Ltd FC8130 Datasheet HTML 13Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
2015. 4. 23
9/16
Revision No : 0
FC8130
Typical Performance Characteristics
Unless otherwise specified, VIN = VOUT (NOM) + 1V, VEN=VIN, CIN = COUT = 1µF, TA = 25°C
PSRR vs. Frequency (VOUT=0.8V)
PSRR vs. Frequency (VOUT=3.3V)
Cround Current vs. VIN (VOUT=0.8V)
Ground Current vs. IOUT (VOUT=0.8V)
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
0.0V
1.0V
2.0V
3.0V
4.0V
5.0V
6.0V
Vin
0
20
40
60
80
100
120
140
160
0
40
80
120
160
200
240
280
320
360
ut m
Output Voltage Noise
Output Current Limit (Fold-back)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com