Electronic Components Datasheet Search
  English  ▼

X  

FC8130 Datasheet(PDF) 14 Page - First Silicon Co., Ltd

Part # FC8130
Description  Ultra High-PSRR, Low-Noise, 300mA C MOS Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC8130 Datasheet(HTML) 14 Page - First Silicon Co., Ltd

Back Button FC8130 Datasheet HTML 8Page - First Silicon Co., Ltd FC8130 Datasheet HTML 9Page - First Silicon Co., Ltd FC8130 Datasheet HTML 10Page - First Silicon Co., Ltd FC8130 Datasheet HTML 11Page - First Silicon Co., Ltd FC8130 Datasheet HTML 12Page - First Silicon Co., Ltd FC8130 Datasheet HTML 13Page - First Silicon Co., Ltd FC8130 Datasheet HTML 14Page - First Silicon Co., Ltd FC8130 Datasheet HTML 15Page - First Silicon Co., Ltd FC8130 Datasheet HTML 16Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
2015. 4. 23
14/16
Revision No : 0
FC8130
Package Outline Drawing
uDFN-4L (1mmx1 mm)
L
b
1
2
3 4
D
E
e
A1
A
A3
TOP VIEW
BOTTOM VIEW
SIDE VIEW
Min
Max
A
0.5
0.6
Min
Max
A1
0
0.05
D2
0.4
0.6
A3
E2
0.4
0.6
b
0.175
0.275
D
E
e
L
0.2
0.5
K
0.2
-
0.150 REF.
1.00 BSC
1.00 BSC
0.625 BSC
Dimension in mm
Symbol
Dimension in mm
Exposed pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com