Electronic Components Datasheet Search
  English  ▼

X  

FC8130 Datasheet(PDF) 8 Page - First Silicon Co., Ltd

Part # FC8130
Description  Ultra High-PSRR, Low-Noise, 300mA C MOS Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC8130 Datasheet(HTML) 8 Page - First Silicon Co., Ltd

Back Button FC8130 Datasheet HTML 4Page - First Silicon Co., Ltd FC8130 Datasheet HTML 5Page - First Silicon Co., Ltd FC8130 Datasheet HTML 6Page - First Silicon Co., Ltd FC8130 Datasheet HTML 7Page - First Silicon Co., Ltd FC8130 Datasheet HTML 8Page - First Silicon Co., Ltd FC8130 Datasheet HTML 9Page - First Silicon Co., Ltd FC8130 Datasheet HTML 10Page - First Silicon Co., Ltd FC8130 Datasheet HTML 11Page - First Silicon Co., Ltd FC8130 Datasheet HTML 12Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
2015. 4. 23
8/16
Revision No : 0
FC8130
IEN
EN Input Bias Current
EN=GND or VIN
0.1
1
µA
Note 1: Absolute Maximum ratings indicate limits beyond which damage may occur. Electrical specifications do not
apply when operating the device outside of its rated operating conditions.
Note 2: All voltages are with respect to the potential at the ground pin.
Note 3: θJA is measured in the natural convection at TA=25℃ on a high effective thermal conductivity test board
(2 layers, 2S0P).
Note 4: θJC represents the resistance to the heat flows the chip to package top case
Note 5: Dropout voltage is measured by reducing VIN until VOUT drops 100mV from its nominal value at V N -VOUT = 1V.
Note 6: Maximum Power dissipation for the device is calculated using the following equations:
JA
θ
A
T
-
J(MAX)
T
D
P =
Where TJ(MAX) is the maximum junction temperature, TA is the ambient temperature, and θJA is the
junction -to-ambient thermal resistance. E.g. for the SOT-23-5 packageθJA = 152°C/W, TJ (MAX) = 150°C and
using TA= 25°C, the maximum power dissipation is found to be 0.82W. The derating factor (-1/θJA) =
-6.6mW/°C, thus below 25°C the power dissipation figure can be increased by 6.6mW per degree, and
similarity decreased by this factor for temperatures above 25°C.
Note 7: Typical values represent the most likely parametric norm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com