Electronic Components Datasheet Search
  English  ▼

X  

FC8130 Datasheet(PDF) 12 Page - First Silicon Co., Ltd

Part # FC8130
Description  Ultra High-PSRR, Low-Noise, 300mA C MOS Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC8130 Datasheet(HTML) 12 Page - First Silicon Co., Ltd

Back Button FC8130 Datasheet HTML 8Page - First Silicon Co., Ltd FC8130 Datasheet HTML 9Page - First Silicon Co., Ltd FC8130 Datasheet HTML 10Page - First Silicon Co., Ltd FC8130 Datasheet HTML 11Page - First Silicon Co., Ltd FC8130 Datasheet HTML 12Page - First Silicon Co., Ltd FC8130 Datasheet HTML 13Page - First Silicon Co., Ltd FC8130 Datasheet HTML 14Page - First Silicon Co., Ltd FC8130 Datasheet HTML 15Page - First Silicon Co., Ltd FC8130 Datasheet HTML 16Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
2015. 4. 23
12/16
Revision No : 0
FC8130
Power Dissipation
Thermal overload results from excessive power dissipation that causes the IC junction temperature to increase
beyond a safe operating level. The concept of thermal resistance θJA (°C/W) is often used to describe an IC
junction’s relative readiness in allowing its thermal energy to dissipate to its ambient air. An IC junction with a
low thermal resistance is preferred because it is relatively effective in dissipating its thermal energy to its
ambient, thus resulting in a relatively low and desirable junction temperature. The relationship between θJA and
TJ is as follows:
TJ = θJA x (PD) + TA
TA is the ambient temperature, and PD is the power generated by the IC and can be written as:
PD = IOUT(VIN -VOUT)
As the above equations show, it is desirable to work with ICs whose θJA values are small such that TJ does not
increase strongly with PD. To avoid thermally overloading the EMP8130, refrain from exceeding the absolute
maximum junction temperature rating of 150°C under continuous operating conditions. Overstressing the
regulator with high loading currents and elevated input-to-output differential voltages can increase the IC die
temperature significantly.
Shutdown
The FC8130 enters sleep mode when the EN pin is low. When this occurs, the pass transistor, the error amplifier,
and the biasing circuits, including the bandgap reference, are turned off, thus reducing the supply current to
typically < 1uA. The low supply current makes the FC8130 best suited for battery-powered applications. The
maximum guaranteed voltage at the EN pin to enter sleep mode is 0.4V. A minimum guaranteed voltage of
1.0V at the EN pin will activate the FC8130. To constantly keep the regulator on, direct connection of the EN
pin to the VIN pin is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com