Electronic Components Datasheet Search
  English  ▼

X  

TFP513PAP Datasheet(PDF) 5 Page - Texas Instruments

Part # TFP513PAP
Description  TI PANELBUS DIGITAL TRANSMITTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TFP513PAP Datasheet(HTML) 5 Page - Texas Instruments

  TFP513PAP Datasheet HTML 1Page - Texas Instruments TFP513PAP Datasheet HTML 2Page - Texas Instruments TFP513PAP Datasheet HTML 3Page - Texas Instruments TFP513PAP Datasheet HTML 4Page - Texas Instruments TFP513PAP Datasheet HTML 5Page - Texas Instruments TFP513PAP Datasheet HTML 6Page - Texas Instruments TFP513PAP Datasheet HTML 7Page - Texas Instruments TFP513PAP Datasheet HTML 8Page - Texas Instruments TFP513PAP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
TFP513
TI PanelBus DIGITAL TRANSMITTER
SLLS611 − AUGUST 2004
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
I/O
DESCRIPTION
NAME
NUMBER
I/O
DESCRIPTION
Configuration/Programming Pins (Continued)
PD
10
I
Power down (active low). In the power-down state only the digital I/O buffers and I2C interface remain
active.
When I2C is disabled (ISEL = low), a high level selects the normal operating mode. A low level selects
the power-down mode.
When I2C is enabled (ISEL = high), the power-down state is selected through I2C. In this configuration,
the PD pin must be tied to GND.
Note: The default register value for PD is low, so the device is in power-down mode when I2C is first
enabled or after an I2C RESET.
RDA
RCL
7
8
I/O
These terminals are the I2C interface to the internal HDCP key EEPROM. Each terminal requires a
pullup resistor in the range of 900
Ω to 5 kΩ connected to VDD.
VREF
3
I
Input reference voltage. Selects the swing range of the digital data inputs (DATA[23:0], DE, HSYNC,
VSYNC, and IDCK
±).
For high-swing 3.3-V input signal levels, VREF must be tied to VDD.
For low-swing input signal levels, VREF must be set to half of the maximum input voltage level. See the
recommended operating conditions section for the allowable range for VREF.
The desired VREF voltage level is typically derived using a simple voltage divider circuit.
Reserved
NC
49
I
No connection required. If this terminal is connected, tie it to VDD.
RESERVED
34, 35
I
These pins are reserved and must be tied to GND for normal operation.
DVI Differential Signal Output Pins
TFADJ
19
I
Full-scale adjust. This pin controls the amplitude of the DVI output voltage swing, determined by the
value of the pullup resistor R(TFADJ) connected to TVDD.
TX0+
TX0−
25
24
O
Channel-0 DVI differential output pair. TX0
± transmits the 8-bit blue pixel data during active video and
HSYNC and VSYNC during the blanking interval.
TX1+
TX1−
28
27
O
Channel-1 DVI differential output pair. TX1
± transmits the 8-bit green pixel data during active video and
CTL[1] during the blanking interval.
TX2+
TX2−
31
30
O
Channel-2 DVI differential output pair. TX2
± transmits the 8-bit red pixel data during active video and
CTL[3:2] during the blanking interval.
TXC+
TXC−
22
21
O
DVI differential output clock.
Power and Ground Pins
DGND
16, 48, 64
Digital ground
DVDD
1, 12, 33
Digital power supply. Must be set to 3.3 V nominal
PGND
17
PLL ground
PVDD
18
PLL power supply. Must be set to 3.3 V nominal
TGND
20, 26, 32
Transmitter differential output driver ground
TVDD
23, 29
Transmitter differential output driver power supply. Must be set to 3.3 V nominal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com