Electronic Components Datasheet Search
  English  ▼

X  

TFP513PAP Datasheet(PDF) 11 Page - Texas Instruments

Part # TFP513PAP
Description  TI PANELBUS DIGITAL TRANSMITTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TFP513PAP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TFP513PAP Datasheet HTML 7Page - Texas Instruments TFP513PAP Datasheet HTML 8Page - Texas Instruments TFP513PAP Datasheet HTML 9Page - Texas Instruments TFP513PAP Datasheet HTML 10Page - Texas Instruments TFP513PAP Datasheet HTML 11Page - Texas Instruments TFP513PAP Datasheet HTML 12Page - Texas Instruments TFP513PAP Datasheet HTML 13Page - Texas Instruments TFP513PAP Datasheet HTML 14Page - Texas Instruments TFP513PAP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
TFP513
TI PanelBus DIGITAL TRANSMITTER
SLLS611 − AUGUST 2004
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
T.M.D.S. pixel data and control signal encoding
For T.M.D.S., only one of two possible T.M.D.S. characters for a given pixel is transmitted at a given time. The
transmitter keeps a running count of the number of 1s and 0s previously sent and transmits the character that
minimizes the number of transitions and approximate a dc balance of the transmission line. Three T.M.D.S.
channels transmit RGB pixel data during the active video interval (DE = high). These same three channels also
transmit HSYNC, VSYNC, and three control signals, CTL[3:1], during the inactive display or blanking interval
(DE = low). The following table maps the transmitted output data to the appropriate T.M.D.S. output channel
in a DVI-compliant system.
INPUT PINS
(VALID FOR DE = high)
T.M.D.S. OUTPUT CHANNEL
TRANSMITTED PIXEL DATA
ACTIVE DISPLAY (DE = high)
DATA[23:16]
Channel 2 (TX2
±)
Red[7:0]
DATA[15:8]
Channel 1 (TX1
±)
Green[7:0]
DATA[7:0]
Channel 0 (TX0
±)
Blue[7:0]
INPUT PINS
(VALID FOR DE = low)
T.M.D.S. OUTPUT CHANNEL
TRANSMITTED CONTROL DATA
BLANKING INTERVAL (DE = low)
CTL3, CTL2 (see Note 8)
Channel 2 (TX2
±)
CTL[3:2]
CTL1 (see Note 8)
Channel 1 (TX1
±)
CTL[1]
HSYNC, VSYNC
Channel 0 (TX0
±)
HSYNC, VSYNC
NOTE 8: The TFP513 encodes and transfers the CTL[3:1] inputs during the vertical blanking interval. The
TFP513 internally generates CTL3 for HDCP operation and the CTL[2:1] inputs are reserved for
future use. When DE = high, the CTL and SYNC pins must be held constant.
universal graphics controller interface voltage signal levels
The universal graphics controller interface can operate in the following two distinct voltage modes:
D The high-swing mode where standard 3.3-V CMOS signaling levels are used.
D The low-swing mode where adjustable 1.1-V to 1.8-V signaling levels are used.
To select the high-swing mode, the VREF input pin must be tied to the 3.3-V power supply.
To select the low-swing mode, the VREF input range must be 0.55 V to 0.9 V.
In the low-swing mode, VREF sets the midpoint of the adjustable signaling levels. The allowable range of values
for VREF is from 0.55 V to 0.9 V. The typical approach is to provide VREF to the chip using a simple voltage-divider
circuit. The minimum allowable input signal swing in the low-swing mode is VREF ± 0.2 V. In low-swing mode,
the VREF input is common to all differential input receivers.
universal graphics controller interface clock inputs
The universal graphics controller interface supports both single-ended and fully differential clock input modes.
In the differential clock input mode, the universal graphics controller interface uses the crossover point between
the IDCK+ and IDCK− signals as the timing reference for latching incoming data (DATA[23:0], DE, HSYNC, and
VSYNC). Differential clock inputs provide greater common-mode noise rejection. The differential clock input
mode is only available in the low-swing mode. In the single-ended clock input mode, the IDCK+ input (pin 57)
must be connected to the single-ended clock source and the IDCK− input (pin 56) must be tied to GND.
The universal graphics controller interface provides selectable 12-bit, dual-edge and 24-bit, single-edge input
clocking modes. In the 12-bit, dual-edge mode, the 12-bit data is latched on each edge of the input clock. In the
24-bit, single-edge mode, the 24-bit data is latched on the rising edge of the input clock when EDGE = 1 and
the falling edge of the input clock when EDGE = 0.
DKEN and DK[3:1] allow the user to compensate the skew between IDCK
± and the pixel data and control
signals. See the description of the CTL_3_MODE register for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com