Electronic Components Datasheet Search
  English  ▼

X  

TFP513PAP Datasheet(PDF) 3 Page - Texas Instruments

Part # TFP513PAP
Description  TI PANELBUS DIGITAL TRANSMITTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TFP513PAP Datasheet(HTML) 3 Page - Texas Instruments

  TFP513PAP Datasheet HTML 1Page - Texas Instruments TFP513PAP Datasheet HTML 2Page - Texas Instruments TFP513PAP Datasheet HTML 3Page - Texas Instruments TFP513PAP Datasheet HTML 4Page - Texas Instruments TFP513PAP Datasheet HTML 5Page - Texas Instruments TFP513PAP Datasheet HTML 6Page - Texas Instruments TFP513PAP Datasheet HTML 7Page - Texas Instruments TFP513PAP Datasheet HTML 8Page - Texas Instruments TFP513PAP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
TFP513
TI PanelBus DIGITAL TRANSMITTER
SLLS611 − AUGUST 2004
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional block diagram
12-/24-Bit
I/F
Data
Format
Universal Input
T.M.D.S. Transmitter
Serializer
Serializer
Serializer
Control
I2C Slave I/F
For DDC
1.8-V Regulators
With Bypass
Capacitors
PLL
TX2
±
TX1
±
TX0
±
TXC
±
TFADJ
IDCK
±
DATA[23:0]
DE
VSYNC
HSYNC
EDGE/HTPLG
MSEN
PD
ISEL/RST
BSEL/SCL
DSEL/SDA
VREF
Encoder
Encoder
Encoder
HDCP
Cipher
HDCP
Encryption
RDA
RCL
Encrypted
Embedded
HDCP Keys
Key Decryption
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NUMBER
I/O
DESCRIPTION
Input Pins
DATA[23:12]
36−47
I
The upper 12 bits of the 24-bit pixel bus.
In 24-bit, single-edge input mode (BSEL = high), this bus inputs the top half of the 24-bit pixel bus.
In 12-bit, dual-edge input mode (BSEL = low), these bits do not input pixel data. In this mode, the state of
DATA[23:16] is input to the I2C register CFG. This allows 8 bits of user configuration data to be read by
the graphics controller through the I2C interface (see the I2C register descriptions section).
Note: All unused data inputs must be tied to GND or VDD.
DATA[11:0]
50−55,
58−63
I
The lower 12 bits of the 24-bit pixel bus/12-bit pixel bus input.
In 24-bit, single-edge input mode (BSEL = high), this bus inputs the bottom half of the 24-bit pixel bus.
In 12-bit, dual-edge input mode (BSEL = low), this bus inputs 1/2 pixel (12 bits) at every latch edge (both
rising and falling) of the clock.
DE
2
I
Data enable. As defined in the DVI 1.0 specification, the DE signal allows the transmitter to encode pixel
data or control data on any given input clock cycle. During active video (DE = high), the transmitter
encodes pixel data, DATA[23:0]. During the blanking interval (DE = low), the transmitter encodes
HSYNC, VSYNC, and CTL[3:1].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com