Electronic Components Datasheet Search
  English  ▼

X  

TFP513PAP Datasheet(PDF) 23 Page - Texas Instruments

Part # TFP513PAP
Description  TI PANELBUS DIGITAL TRANSMITTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TFP513PAP Datasheet(HTML) 23 Page - Texas Instruments

Back Button TFP513PAP Datasheet HTML 19Page - Texas Instruments TFP513PAP Datasheet HTML 20Page - Texas Instruments TFP513PAP Datasheet HTML 21Page - Texas Instruments TFP513PAP Datasheet HTML 22Page - Texas Instruments TFP513PAP Datasheet HTML 23Page - Texas Instruments TFP513PAP Datasheet HTML 24Page - Texas Instruments TFP513PAP Datasheet HTML 25Page - Texas Instruments TFP513PAP Datasheet HTML 26Page - Texas Instruments TFP513PAP Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
TFP513
TI PanelBus DIGITAL TRANSMITTER
SLLS611 − AUGUST 2004
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
I2C interface
The I2C interface is used to access the internal registers. This two-pin interface consists of the SCL clock line
and the SDA serial data line. The basic I2C access cycles are shown in Figure 10 and Figure 11.
Start Condition (S)
Stop Condition (P)
SDA
SCL
Figure 10. I2C Start and Stop Conditions
The basic access write cycle consists of the following:
1.
A start condition
2.
A slave address cycle
3.
A subaddress cycle
4.
Any number of data cycles
5.
A stop condition
The basic access read cycle consists of the following:
1.
A start condition
2.
A slave write address cycle
3.
A subaddress cycle
4.
A restart condition
5.
A slave read address cycle
6.
Any number of data cycles
7.
A stop condition
The start and stop conditions are shown in Figure 10. The high-to-low transition of SDA while SCL is high defines
the start condition. The low-to-high transition of SDA while SCL is high defines the stop condition. Each cycle,
data or address, consists of 8 bits of serial data followed by one acknowledge bit generated by the receiving
device. Thus, each data/address cycle contains 9 bits as shown in Figure 11.
SCL
1
2
3
4
5
6
7
8
9
SDA
1
2
3
4
5
6
7
8
9
2
3
4
5
6
7
1
Slave Address
Subaddress
Data
Stop
89
Figure 11. I2C Access Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com