Electronic Components Datasheet Search
  English  ▼

X  

TFP513PAP Datasheet(PDF) 2 Page - Texas Instruments

Part # TFP513PAP
Description  TI PANELBUS DIGITAL TRANSMITTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TFP513PAP Datasheet(HTML) 2 Page - Texas Instruments

  TFP513PAP Datasheet HTML 1Page - Texas Instruments TFP513PAP Datasheet HTML 2Page - Texas Instruments TFP513PAP Datasheet HTML 3Page - Texas Instruments TFP513PAP Datasheet HTML 4Page - Texas Instruments TFP513PAP Datasheet HTML 5Page - Texas Instruments TFP513PAP Datasheet HTML 6Page - Texas Instruments TFP513PAP Datasheet HTML 7Page - Texas Instruments TFP513PAP Datasheet HTML 8Page - Texas Instruments TFP513PAP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
TFP513
TI PanelBus DIGITAL TRANSMITTER
SLLS611 − AUGUST 2004
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
This device contains circuits to protect its inputs and outputs against damage due to high static voltages or electrostatic fields. These
circuits have been qualified to protect this device against electrostatic discharges (ESD) of up to 2 kV according to MIL-STD-883C,
Method 3015; however, it is advised that precautions be taken to avoid application of any voltage higher than maximum-rated
voltages to these high-impedance circuits. During storage or handling, the device leads must be shorted together or the device must
be placed in conductive foam. In a circuit, unused inputs must always be connected to an appropriated logic voltage level, preferably
either VCC or ground. Specific guidelines for handling devices of this type are contained in the publication Guidelines for Handling
Electrostatic-Discharge-Sensitive (ESDS) Devices and Assemblies available from Texas Instruments.
pin assignments
12
3
TGND
TX2+
TX2−
TVDD
TX1+
TX1−
TGND
TX0+
TX0−
TVDD
TXC+
TXC−
TGND
TFADJ
PVDD
PGND
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
4
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
NC
DATA11
DATA10
DATA9
DATA8
DATA7
DATA6
IDCK−
IDCK+
DATA5
DATA4
DATA3
DATA2
DATA1
DATA0
DGND
56 7
8
47 46 45 44 43
48
42
40 39 38
41
910 11 12 13
37 36 35 34 33
14 15 16
PAP PACKAGE
(TOP VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com