Electronic Components Datasheet Search
  English  ▼

X  

TFP513PAP Datasheet(PDF) 7 Page - Texas Instruments

Part # TFP513PAP
Description  TI PANELBUS DIGITAL TRANSMITTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TFP513PAP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TFP513PAP Datasheet HTML 3Page - Texas Instruments TFP513PAP Datasheet HTML 4Page - Texas Instruments TFP513PAP Datasheet HTML 5Page - Texas Instruments TFP513PAP Datasheet HTML 6Page - Texas Instruments TFP513PAP Datasheet HTML 7Page - Texas Instruments TFP513PAP Datasheet HTML 8Page - Texas Instruments TFP513PAP Datasheet HTML 9Page - Texas Instruments TFP513PAP Datasheet HTML 10Page - Texas Instruments TFP513PAP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
TFP513
TI PanelBus DIGITAL TRANSMITTER
SLLS611 − AUGUST 2004
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
dc specifications
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-level input voltage (DATA, DE, VSYNC,
HSYNC, and IDCK )
VREF = DVDD
0.7VDD
VIH
High-level input voltage (DATA, DE, VSYNC,
HSYNC, and IDCK
±)
0.55 V
≤ VREF ≤ 0.9 V
VREF + 0.2
V
VIH
High-level input voltage (other inputs)
0.7VDD
V
Low-level input voltage (DATA, DE, VSYNC,
HSYNC, and IDCK )
VREF = DVDD
0.3 VDD
VIL
Low-level input voltage (DATA, DE, VSYNC,
HSYNC, and IDCK
±)
0.55 V
≤ VREF ≤ 0.9 V
VREF − 0.2
V
VIL
Low-level input voltage (other inputs)
0.3 VDD
V
VOH
High-level digital output voltage (open-drain output)
VDD = 3 V
IOH = 20 µA
2.4
V
VOL
Low-level digital output voltage (open-drain output)
VDD = 3.6 V
IOL = 4 mA
0.4
V
IIH
High-level input current
VI = 3.6 V
±25
µA
IIL
Low-level input current
VI = 0
±25
µA
V(H)
DVI single-ended high-level output voltage
AV
= 3.3 V 5%
AVDD – 0.01
AVDD + 0.01
V
V(L)
DVI single-ended low-level output voltage
AVDD = 3.3 V ±5%
R(T)‡ = 50 Ω ±10%
AVDD – 0.6
AVDD − 0.4
V
V(SWING)
DVI single-ended output swing voltage
R(T)‡ = 50 Ω ±10%
R(TFADJ) = 510 Ω ±1%
400
600
mVP−P
V(OFF)
DVI single-ended standby/off output voltage
R(TFADJ) = 510 Ω ±1%
AVDD – 0.01
AVDD + 0.01
V
I(PD)
Power-down current (see Note 3)
200
500
µA
I(IDD)
Normal power supply current
Worst case pattern§
200
250
mA
‡ R(T) is the single-ended termination resistance at the receiver end of the DVI link.
§ Black and white checkerboard pattern, each checker is one pixel wide.
NOTE 3: Assumes all inputs to the transmitter are not toggling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com