Electronic Components Datasheet Search
  English  ▼

X  

TMCS1101 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TMCS1101
Description  TMCS1101 Precision, Isolated Current Sensor With Internal Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1101 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMCS1101 Datasheet HTML 13Page - Texas Instruments TMCS1101 Datasheet HTML 14Page - Texas Instruments TMCS1101 Datasheet HTML 15Page - Texas Instruments TMCS1101 Datasheet HTML 16Page - Texas Instruments TMCS1101 Datasheet HTML 17Page - Texas Instruments TMCS1101 Datasheet HTML 18Page - Texas Instruments TMCS1101 Datasheet HTML 19Page - Texas Instruments TMCS1101 Datasheet HTML 20Page - Texas Instruments TMCS1101 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
17
TMCS1101
www.ti.com
SBOS825 – SEPTEMBER 2019
Product Folder Links: TMCS1101
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Feature Description (continued)
9.3.5 Current-Sensing Measurable Ranges
The TMCS1101 measurable input current range depends on the device variant, as well as the analog supply VS.
The output voltage is a first-order linear function of the input current, as shown in Equation 1, and is only limited
by VOUT swing to either supply or ground. The linear output swing range to both VS and GND is calculated by
equations Equation 14 and Equation 15.
VOUT,max = VS – SwingVS
(14)
VOUT,min = SwingGND
(15)
Rearranging the transfer function of the device to solve for input current and substituting VOUT,max and VOUT,min
yields maximum and minimum measurable input current ranges described by Equation 16 and Equation 17.
IIN,MAX+ = (VOUT,max – VOUT,0A) / S
(16)
IIN,MAX- = (VOUT,0A – VOUT,min) / S
where
•
IIN,MAX+ is the maximum linear measurable positive input current.
•
IIN,MAX- is the maximum linear measurable negative input current.
•
S is the sensitivity of the device variant.
•
VOUT,0A is the appropriate zero current output voltage.
(17)
TMCS1101A<1-4>B variants accommodate bidirectional current sensing by creating zero-current output voltage
equal to half of the supply (VS) potential, while TMCS1101A<1-4>U variants provide most of the dynamic
measurable range for positive currents.
9.4 Device Functional Modes
9.4.1 Power-Down Mode
As a result of the inherent galvanic isolation of the device, very little consideration must be paid to powering
down the device, as long as the limits in the Absolute Maximum Ratings table are not exceeded on any pins. The
isolated current input and the low-voltage signal chain can be decoupled in operational behavior, as either can be
energized with the other shut down, as long as the isolation barrier capabilities are not exceeded. The low-
voltage power supply can be powered down while the isolated input is still connected to an active high-voltage
signal or system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com