Electronic Components Datasheet Search
  English  ▼

X  

TMCS1101 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TMCS1101
Description  TMCS1101 Precision, Isolated Current Sensor With Internal Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1101 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMCS1101 Datasheet HTML 16Page - Texas Instruments TMCS1101 Datasheet HTML 17Page - Texas Instruments TMCS1101 Datasheet HTML 18Page - Texas Instruments TMCS1101 Datasheet HTML 19Page - Texas Instruments TMCS1101 Datasheet HTML 20Page - Texas Instruments TMCS1101 Datasheet HTML 21Page - Texas Instruments TMCS1101 Datasheet HTML 22Page - Texas Instruments TMCS1101 Datasheet HTML 23Page - Texas Instruments TMCS1101 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
Input Current, A
0
5
10
15
20
25
1
2
3
4
5
6
7
8
9
10
0
D008
RSS Error, 25°C
566 (UURU ±
ƒ& WR
ƒ&
OS, T
EXT
2
2
2
2
RSS, T
I
PSRR
CMRR
B
S, T
NL
e
(%)
e
e
e
e
e
e
'
'
'
20
TMCS1101
SBOS825 – SEPTEMBER 2019
www.ti.com
Product Folder Links: TMCS1101
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Application Information (continued)
(27)
The total error calculation has a strong dependence on the actual input current; therefore, always calculate total
error across the dynamic range that is required. These curves asymptotically approach the sensitivity and
nonlinearity error at high current levels, and approach infinity at low current levels because of error terms with
input current in the denominator. Key figures of merit for any current-measurement system include the total error
percentage at full-scale current, as well as the dynamic range of input current over which the error remains below
some key level. Figure 10 illustrates the total RSS error as a function of input current for a TMCS1101A2B at
room temperature and across the full temperature range with VS of 5 V.
Figure 10. RSS Error vs Input Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com