Electronic Components Datasheet Search
  English  ▼

X  

TMCS1101 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TMCS1101
Description  TMCS1101 Precision, Isolated Current Sensor With Internal Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1101 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMCS1101 Datasheet HTML 23Page - Texas Instruments TMCS1101 Datasheet HTML 24Page - Texas Instruments TMCS1101 Datasheet HTML 25Page - Texas Instruments TMCS1101 Datasheet HTML 26Page - Texas Instruments TMCS1101 Datasheet HTML 27Page - Texas Instruments TMCS1101 Datasheet HTML 28Page - Texas Instruments TMCS1101 Datasheet HTML 29Page - Texas Instruments TMCS1101 Datasheet HTML 30Page - Texas Instruments TMCS1101 Datasheet HTML 31Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
VOUT
NC
Cu Plane
Cu Plane
IN+
IN±
VS
GND
Solder Mask Creepage
Cu Plane
Cu Plane
27
TMCS1101
www.ti.com
SBOS825 – SEPTEMBER 2019
Product Folder Links: TMCS1101
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Layout Guidelines (continued)
In addition to thermal and magnetic optimization, make sure to consider the PCB design required creepage and
clearance for system-level isolation requirements. Maintain required creepage between solder stencils, as shown
in Figure 16, if possible. If not possible to maintain required PCB creepage between the two isolated sides at
board level, add additional slots or grooves to the board. If more creepage and clearance is required for system
isolation levels than is provided by the package, the entire device and solder mask can be encapsulated with an
overmold compound to meet system-level requirements.
Figure 16. Layout for System Creepage Requirements
12.2 Layout Example
An example layout, shown in Figure 17, is from the TMCS1101EVM. Device performance is targeted for thermal
and magnetic characteristics of this layout, subject to change.
Figure 17. Recommended Board Top (Left) and Bottom (Right) Plane Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com