Electronic Components Datasheet Search
  English  ▼

X  

TMCS1101 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TMCS1101
Description  TMCS1101 Precision, Isolated Current Sensor With Internal Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1101 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMCS1101 Datasheet HTML 19Page - Texas Instruments TMCS1101 Datasheet HTML 20Page - Texas Instruments TMCS1101 Datasheet HTML 21Page - Texas Instruments TMCS1101 Datasheet HTML 22Page - Texas Instruments TMCS1101 Datasheet HTML 23Page - Texas Instruments TMCS1101 Datasheet HTML 24Page - Texas Instruments TMCS1101 Datasheet HTML 25Page - Texas Instruments TMCS1101 Datasheet HTML 26Page - Texas Instruments TMCS1101 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
Pulse Duration (s)
0.001
0.01
0.1
1
10
10
100
1000
D004
D004
TA = 25°C
TA = 125°C
23
TMCS1101
www.ti.com
SBOS825 – SEPTEMBER 2019
Product Folder Links: TMCS1101
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
10.1.2.2 Short-Duration Current Capability
Higher-current events that are shorter duration can be tolerated by the TMCS1101, because the junction
temperature does not reach thermal equilibrium within the pulse duration. Figure 12 shows the short-circuit
duration curve for the device for single current-pulse events, where the leadframe resistance changes after
stress. This level is reached before a leadframe fusing event, but is a fundamental limit to current-handling
capability of the leadframe. For long-duration pulses, the current capability approaches the continuous rms limit
at the given ambient temperature. For repetitive pulsed events, the current levels must satisfy both the short-
duration current capability and the rms continuous current levels for the duration of the subsequent pulse events.
Figure 12. Single-Pulse Leadframe Capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com