Electronic Components Datasheet Search
  English  ▼

X  

TMCS1101 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TMCS1101
Description  TMCS1101 Precision, Isolated Current Sensor With Internal Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1101 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMCS1101 Datasheet HTML 10Page - Texas Instruments TMCS1101 Datasheet HTML 11Page - Texas Instruments TMCS1101 Datasheet HTML 12Page - Texas Instruments TMCS1101 Datasheet HTML 13Page - Texas Instruments TMCS1101 Datasheet HTML 14Page - Texas Instruments TMCS1101 Datasheet HTML 15Page - Texas Instruments TMCS1101 Datasheet HTML 16Page - Texas Instruments TMCS1101 Datasheet HTML 17Page - Texas Instruments TMCS1101 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Temperature (
RC)
-40
-20
0
20
40
60
80
100
120
-1
-0.5
0.5
1
0
D006
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
D011
TMCS1101A1B
TMCS1101A2B
TMCS1101A3B
TMCS1101A4B
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
-5
-3
-1
1
3
5
7
9
11
13
15
17
19
21
D010
TMCS1101A1U
TMCS1101A2U
TMCS1101A3U
TMCS1101A4U
14
TMCS1101
SBOS825 – SEPTEMBER 2019
www.ti.com
Product Folder Links: TMCS1101
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Feature Description (continued)
9.3.3.1 Temperature Stability
System calibration at room temperature is a common practice for many applications. This initial calibration results
in a very accurate measurement under the conditions at which calibration was performed because individual
components of the total error are eliminated. As the ambient temperature changes as a result of device self-
heating or environmental conditions, any drift in critical system parameters will reintroduce these errors into the
system performance. For many systems, this drift in performance across temperature is the primary contributor
to performance degradation at the system level. These variations in component parametric performance must be
accounted for in total system error calculations. The TMCS1101 includes a proprietary temperature
compensation technique, and results in best in industry parametric drift across the full temperature range. A zero-
drift signal chain architecture and Hall sensor temperature stabilization methods enable stable sensitivity and
minimize offset errors across temperature, and drastically improves system-level performance across the
required operating conditions.
Figure 3 and Figure 4 show the offset error across the full device ambient temperature range. Figure 5 shows the
typical sensitivity. There are no other external components introducing errors sources; therefore, the high intrinsic
accuracy and stability over temperature directly translates to system-level performance. As a result of this high
precision, even a system with no calibration can reach < 1.5% of total error current-sensing capability.
Figure 3. Offset Error Drift Across Temperature (B
Variants)
Figure 4. Offset Error Drift Across Temperature (U
Variants)
Figure 5. Sensitivity Drift Across Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com