Electronic Components Datasheet Search
  English  ▼

X  

TMCS1101 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TMCS1101
Description  TMCS1101 Precision, Isolated Current Sensor With Internal Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1101 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMCS1101 Datasheet HTML 20Page - Texas Instruments TMCS1101 Datasheet HTML 21Page - Texas Instruments TMCS1101 Datasheet HTML 22Page - Texas Instruments TMCS1101 Datasheet HTML 23Page - Texas Instruments TMCS1101 Datasheet HTML 24Page - Texas Instruments TMCS1101 Datasheet HTML 25Page - Texas Instruments TMCS1101 Datasheet HTML 26Page - Texas Instruments TMCS1101 Datasheet HTML 27Page - Texas Instruments TMCS1101 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
24
TMCS1101
SBOS825 – SEPTEMBER 2019
www.ti.com
Product Folder Links: TMCS1101
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
10.2 Typical Application
Inline sensing of motor phase current provides significant benefits to the performance of a motor control system,
allowing advanced control algorithms and diagnostics with minimal postprocessing. A primary challenge to inline
sensing for motor drives is that the current sensor is subjected to full HV supply-level PWM transients driving the
motor phase. The inherent isolation of an in-package Hall-effect current sensor topology helps overcome this
challenge, providing high common-mode immunity, as well as isolation between the high-voltage motor drive
levels and the low-voltage control circuitry. Figure 13 illustrates the use of the TMCS1101 in such an application.
Figure 13. Inline Motor Phase Current Sensing
10.2.1 Design Requirements
For current sensing of a three-phase motor application, make sure to provide linear sensing across the expected
current range, and make sure that the device remains within working thermal constraints. A single TMCS1101 for
each phase can be used, or two phases can be measured, and the third phase calculated on the motor-controller
host processor. For this example, consider a nominal supply of 5 V but a minimum of 4.9 V to include for some
supply variation. Maximum output swings are defined according to TMCS1101 specifications, and a full-scale
current measurement of ±20 A is required.
Table 2. Example Application Design Requirements
DESIGN PARAMETER
EXAMPLE VALUE
VS,nom
5 V
VS,min
4.9 V
IIN,FS
±20 A
10.2.2 Detailed Design Procedure
The primary design parameter for using theTMCS1101 is selecting the correct sensitivity variant, and because
positive and negative current must be measured a bidirectional variant should be selected (A1B-A4B). Further
consideration of noise and integration with an ADC can be explored, but is beyond the scope of this application
design example. The TMCS1101AxB transfer function is effectively a transimpedance with a variable offset set
by VOUT,0A, which is internally set to half of the analog supply as defined by Equation 28.
VOUT = IIN × S + VOUT,0A = IIN × S + VS × .05
(28)
Design of the sensing solution focuses on maximizing the sensitivity of the device while maintaining linear
measurement over the expected current input range. The TMCS1101 has a slightly smaller linear output range to
the supply than to ground; therefore, the measurable current range is always constrained by the positive swing to
supply, SwingVS. In order to account for the operating margin, consider the minimum possible supply voltage
VS,min. With the previous parameters, the maximum linear output voltage range is the range between VOUT,max
and VOUT,0A, as defined by Equation 29.
VOUT,max – VOUT,0A = VS,min – SwingVS – 0.5 × VS,min
(29)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com