Electronic Components Datasheet Search
  English  ▼

X  

TMCS1101 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMCS1101
Description  TMCS1101 Precision, Isolated Current Sensor With Internal Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1101 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMCS1101 Datasheet HTML 7Page - Texas Instruments TMCS1101 Datasheet HTML 8Page - Texas Instruments TMCS1101 Datasheet HTML 9Page - Texas Instruments TMCS1101 Datasheet HTML 10Page - Texas Instruments TMCS1101 Datasheet HTML 11Page - Texas Instruments TMCS1101 Datasheet HTML 12Page - Texas Instruments TMCS1101 Datasheet HTML 13Page - Texas Instruments TMCS1101 Datasheet HTML 14Page - Texas Instruments TMCS1101 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
EXT
EXT
B
B
I
G
OUT
EXT
Hall
V
IN
Hall
V
OUT,0A
V
B
* S
* A
I * G * S
* A
V
Hall
V
S
G * S
* A
NL
NL
FS
V
e
100% *
V
11
TMCS1101
www.ti.com
SBOS825 – SEPTEMBER 2019
Product Folder Links: TMCS1101
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Accuracy Parameters (continued)
(8)
8.1.4 External Magnetic Field Errors
The TMCS1101 does not have stray field-rejection capabilities, so external magnetic fields from adjacent high-
current traces or nearby magnets can impact the output measurement. The total sensitivity (S) of the device is
comprised of the initial transformation of input current to magnetic field quantified as the magnetic coupling factor
(G), as well as the sensitivity of the Hall element and the analog circuitry that is factory calibrated to provide a
final sensitivity. The output voltage is proportional to the input current by the device sensitivity, as defined in
Equation 9.
where
•
S is the TMCS1101 sensitivity in mV/A.
•
G is the magnetic coupling factor in mT/A.
•
SHall is the senitivity of the Hall plate in mV/mT.
•
AV is the analog circuitry gain in V/V.
(9)
An external field, BEXT, is measured by the Hall sensor and signal chain, in addition to the field generated by the
leadframe current, and is added as an extra input term in the total output voltage function:
(10)
Observable from Equation 10 is that the impact of an external field is an additional equivalent input current
signal, IBEXT, shown in Equation 11. This effective additional input current has no dependence on Hall or analog
circuitry sensitivity, so all gain variants have equivalent input-referred current error due to external magnetic
fields.
(11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com