Electronic Components Datasheet Search
  English  ▼

X  

TAJ Datasheet(PDF) 2 Page - AVX Corporation

Part # TAJ
Description  Standard and Low Profile Tantalum Capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJ Datasheet(HTML) 2 Page - AVX Corporation

  TAJ Datasheet HTML 1Page - AVX Corporation TAJ Datasheet HTML 2Page - AVX Corporation TAJ Datasheet HTML 3Page - AVX Corporation TAJ Datasheet HTML 4Page - AVX Corporation TAJ Datasheet HTML 5Page - AVX Corporation TAJ Datasheet HTML 6Page - AVX Corporation TAJ Datasheet HTML 7Page - AVX Corporation TAJ Datasheet HTML 8Page - AVX Corporation TAJ Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
082719
7
TAJ Series
Standard and Low Profile Tantalum Capacitors
STANDARD TANTALUMS CAPACITANCE AND RATED VOLTAGE RANGE
(LETTER DENOTES CASE SIZE)
LOW PROFILE TANTALUMS CAPACITANCE AND RATED VOLTAGE RANGE
(LETTER DENOTES CASE SIZE)
Capacitance
Rated voltage DC (V
R) to 85°C
μF
Code
2.5V (e)
4V (G)
6.3V (J)
10V (A)
16V (C)
20V (D)
25V (E)
35V (V)
50V (T)
0.10
104
A
A
0.15
154
A
A/B
0.22
224
A
A/B
0.33
334
A
A/B
0.47
474
A
A/B
A/B/C
0.68
684
A
A/B
A/B/C
1.0
105
A
A
A
A/B
A/B/C
1.5
155
A
A
A
A/B
A/B/C
B/C/D
2.2
225
A
A
A/B
A/B
A/B
A/B/C
B/C/D
3.3
335
A
A
A/B
A/B
A/B/C
B/C
C/D
4.7
475
A
A/B
A/B
A/B/C
A/B/C
B/C/D
C/D
6.8
685
A/B
A/B
A/B/C
A/B/C
B/C
C/D
C/D
10
106
A
A/B
A/B/C
A/B/C
B/C
B/C/D
C/D/E
D/E/V
15
156
A
A/B
A/B/C
A/B/C
B/C/D
C/D
C/D
D/E/V
22
226
A
A/B/C
A/B/C
A(M)/B/C/D
B/C/D
C/D
D/E
V
33
336
A
A/B
A/B/C
A/B/C/D
B/C/D
C/D
C/D/E
D/E/V
47
476
A
A/B
A/B/C/D
B/C/D
C/D
C/D/E
D/E
D/E/V
68
686
A
A/B
B/C/D
B/C/D
C/D
C(M)/D/E
D/E/V
V
100
107
A/B
A/B/C
B/C/D
B/C/D/E
C/D/E
D/E/V
E/V
150
157
B
B/C
B(M)/C/D
C/D/E
D/E/V
E/V
V(M)
220
227
B/D
B/C/D
C/D/E
C/D/E
D(M)/E/V
330
337
D
C/D
C/D/E
D/E/V
E(M)
470
477
C/D
C/D/E
D/E/V
E/U/V
680
687
C/D/E
D/E
D/E/V
E(M)/V(M)
1000
108
D(M)/E
D/E/V
E(M)/V(M)
1500
158
D/E/V(M)
E/V(M)
2200
228
V(M)
Released ratings
(M tolerance only)
Engineering samples - please contact AVX
Note: Voltage ratings are minimum values. AVX reserves the right to supply higher voltage ratings in the same case size, to the same reliability standards.
Capacitance
Rated voltage DC (V
R) to 85°C
μF
Code
2.5V (e)
4V (G)
6.3V (J)
10V (A)
16V (C)
20V (D)
25V (E)
35V (V)
50V (T)
0.10
104
R/S
R/S
S
0.15
154
R/S
R
R/S
S
0.22
224
R/S
R
R/S
P/R/S
0.33
334
R/S
R
R/S
P/R(M)/S/T
0.47
474
R/S
R/S
R/S/T
S/T
0.68
684
R/S
R/S/T
R/S
P/S/T
1.0
105
R/S
R/S/T
R/S/T
P/R/S
P/S/T
W
1.5
155
R/S
R/S
R/S
P/R/S/T
P/S/T
T
W
2.2
225
R/S
R/S
R/S
R/S/T
P/R/S/T
T
T
W
3.3
335
R/S
R/S
K/R/S/T
R/S/T
T
T/W
W
Y
4.7
475
R
R/S
R/S/T
R/S/T
K/P/S/T
T
T/W
W
X/Y
6.8
685
R
R/S/T
R/S/T
P/R/S/T
S/T
T
W
Y
Y
10
106
R/S
R/S/T
P/R/S/T
K/P/R(M)/S/T
T/W
W
W
X/Y
15
156
R
R/S/T
K/P/R/S/T
S/T/W
T(M)/W
W
Y
Y
22
226
P/R
K/P/R/S/T
K/P(M)/S/T/W
T/W
W
W/Y
F/Y
Y
33
336
K/P/S
K/P(M)/S/T/W
T/W
W
W/Y
X/Y
F/Y
47
476
P(M)/S
T/W
T/W
H/W/Y
W/X/Y
X/Y
Y
68
686
T
T/W
W
W/Y
F/X/Y
Y
100
107
T/W
T(M)/W
W/Y
W/X/Y
F(M)/Y
150
157
T(M)/W
W/Y
W/X/Y
F/X(M)/Y
Y(M)
220
227
W/Y
W/X/Y
F/X/Y
Y
330
337
W(M)/Y
F/X/Y
Y
470
477
F/Y
Y
Y
680
687
Y
Y(M)
1000
108
Y(M)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com