Electronic Components Datasheet Search
  English  ▼

X  

TAJ Datasheet(PDF) 7 Page - AVX Corporation

Part # TAJ
Description  Standard and Low Profile Tantalum Capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJ Datasheet(HTML) 7 Page - AVX Corporation

Back Button TAJ Datasheet HTML 3Page - AVX Corporation TAJ Datasheet HTML 4Page - AVX Corporation TAJ Datasheet HTML 5Page - AVX Corporation TAJ Datasheet HTML 6Page - AVX Corporation TAJ Datasheet HTML 7Page - AVX Corporation TAJ Datasheet HTML 8Page - AVX Corporation TAJ Datasheet HTML 9Page - AVX Corporation TAJ Datasheet HTML 10Page - AVX Corporation TAJ Datasheet HTML 11Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
12
082719
RATINGS & PART NUMBER REFERENCE
Rated
Rated
Category
Category
DCL
DF
ESR
100kHz RMS Current (mA)
AVX
Case
Capacitance
Voltage
Temperature Voltage
Temperature
Max.
Max.
Max.
MSL
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
(μA)
(%)
@ 100kHz
25ºC
85ºC
125ºC
(Ω)
16 Volt @ 85°C
TAJR684*016#NJ
R
0.68
16
85
10
125
0.5
4
25
47
42
19
1
TAJS684*016#NJ
S
0.68
16
85
10
125
0.5
4
25
51
46
20
1
TAJA105*016#NJ
A
1
16
85
10
125
0.5
4
11
83
74
33
1
TAJR105*016#NJ
R
1
16
85
10
125
0.5
4
20
52
47
21
1
TAJS105*016#NJ
S
1
16
85
10
125
0.5
4
15
66
59
26
1
TAJT105*016#NJ
T
1
16
85
10
125
0.5
4
5
126
114
51
1
TAJA155*016#NJ
A
1.5
16
85
10
125
0.5
6
8
97
87
39
1
TAJR155*016#NJ
R
1.5
16
85
10
125
0.5
6
10
74
67
30
1
TAJS155*016#NJ
S
1.5
16
85
10
125
0.5
6
12
74
66
29
1
TAJA225*016#NJ
A
2.2
16
85
10
125
0.5
6
6.5
107
97
43
1
TAJB225*016#NJ
B
2.2
16
85
10
125
0.5
6
2.3
192
173
77
1
TAJR225*016#NJ
R
2.2
16
85
10
125
0.5
6
6.5
92
83
37
1
TAJS225*016#NJ
S
2.2
16
85
10
125
0.5
6
6
104
94
42
1
TAJT225*016#NJ
T
2.2
16
85
10
125
0.5
6
6.5
111
100
44
1
TAJA335*016#NJ
A
3.3
16
85
10
125
0.5
6
5
122
110
49
1
TAJB335*016#NJ
B
3.3
16
85
10
125
0.5
6
4.5
137
124
55
1
TAJR335*016#NJ
R
3.3
16
85
10
125
0.5
8
5
105
94
42
1
TAJS335*016#NJ
S
3.3
16
85
10
125
0.5
6
5
114
103
46
1
TAJT335*016#NJ
T
3.3
16
85
10
125
0.5
6
5
126
114
51
1
TAJA475*016#NJ
A
4.7
16
85
10
125
0.8
6
4
137
123
55
1
TAJB475*016#NJ
B
4.7
16
85
10
125
0.8
6
3.5
156
140
62
1
TAJK475*016#NJ
K
4.7
16
85
10
125
0.8
6
3.1
145
130
58
1
TAJP475*016#NJ
P
4.7
16
85
10
125
0.8
8
5
110
99
44
1
TAJS475*016#NJ
S
4.7
16
85
10
125
0.8
8
4
127
115
51
1
TAJT475*016#NJ
T
4.7
16
85
10
125
0.8
6
3.1
161
145
64
1
TAJA685*016#NJ
A
6.8
16
85
10
125
1.1
6
3.5
146
132
59
1
TAJB685*016#NJ
B
6.8
16
85
10
125
1.1
6
2.5
184
166
74
1
TAJC685*016#NJ
C
6.8
16
85
10
125
1.1
6
2.5
210
189
84
1
TAJS685*016#NJ
S
6.8
16
85
10
125
1.1
8
2.4
165
148
66
1
TAJT685*016#NJ
T
6.8
16
85
10
125
1.1
6
3.5
151
136
60
1
TAJA106*016#NJ
A
10
16
85
10
125
1.6
6
3
158
142
63
1
TAJB106*016#NJ
B
10
16
85
10
125
1.6
6
2.8
174
157
70
1
TAJC106*016#NJ
C
10
16
85
10
125
1.6
6
2
235
211
94
1
TAJT106*016#NJ
T
10
16
85
10
125
1.6
8
2.2
191
172
76
1
TAJW106*016#NJ
W
10
16
85
10
125
1.6
6
2
212
191
85
1
TAJA156*016#NJ
A
15
16
85
10
125
2.4
6
2
194
174
77
1
TAJB156*016#NJ
B
15
16
85
10
125
2.4
6
2.5
184
166
74
1
TAJC156*016#NJ
C
15
16
85
10
125
2.4
6
1.8
247
222
99
1
TAJT156M016#NJ
T
15
16
85
10
125
2.4
6
2
200
180
80
1
TAJW156*016#NJ
W
15
16
85
10
125
2.4
6
0.7
359
323
143
1
TAJA226M016#NJ
A
22
16
85
10
125
3.5
10
2.3
181
163
72
1
TAJB226*016#NJ
B
22
16
85
10
125
3.5
6
2.3
192
173
77
1
TAJC226*016#NJ
C
22
16
85
10
125
3.5
6
1
332
298
133
1
TAJD226*016#NJ
D
22
16
85
10
125
3.5
6
1.1
369
332
148
1
TAJW226*016#NJ
W
22
16
85
10
125
3.5
6
1.6
237
213
95
1
TAJB336*016#NJ
B
33
16
85
10
125
5.3
8
2.1
201
181
80
1
TAJC336*016#NJ
C
33
16
85
10
125
5.3
6
1.5
271
244
108
1
TAJD336*016#NJ
D
33
16
85
10
125
5.3
6
0.9
408
367
163
1
TAJW336*016#NJ
W
33
16
85
10
125
5.3
6
1.5
245
220
98
1
TAJY336*016#NJ
Y
33
16
85
10
125
5.3
6
0.9
373
335
149
1
1)
TAJC476*016#NJ
C
47
16
85
10
125
7.5
6
0.5
469
422
188
1
TAJD476*016#NJ
D
47
16
85
10
125
7.5
6
0.9
408
367
163
1
TAJW476*016#NJ
W
47
16
85
10
125
7.5
6
0.4
474
427
190
1
TAJX476*016#NJ
X
47
16
85
10
125
7.5
6
0.75
365
329
146
1
1)
TAJY476*016#NJ
Y
47
16
85
10
125
7.5
6
0.7
423
380
169
1
1)
TAJC686*016#NJ
C
68
16
85
10
125
10.9
6
1.3
291
262
116
1
TAJD686*016#NJ
D
68
16
85
10
125
10.9
6
0.9
408
367
163
1
TAJF686*016#NJ
F
68
16
85
10
125
10.9
10
0.4
500
450
200
1
TAJX686*016#NJ
X
68
16
85
10
125
10.9
8
0.6
408
367
163
1
1)
TAJY686*016#NJ
Y
68
16
85
10
125
10.9
6
0.9
373
335
149
1
1)
TAJC107*016#NJ
C
100
16
85
10
125
16
8
1
332
298
133
1
TAJD107*016#NJ
D
100
16
85
10
125
16
6
0.6
500
450
200
1
TAJE107*016#NJ
E
100
16
85
10
125
16
6
0.9
428
385
171
1
1)
TAJF107M016#NJ
F
100
16
85
10
125
16
10
0.4
500
450
200
1
TAJY107*016#NJ
Y
100
16
85
10
125
16
8
0.9
373
335
149
1
1)
TAJD157*016#NJ
D
150
16
85
10
125
24
6
0.9
408
367
163
1
TAJE157*016#NJ
E
150
16
85
10
125
24
8
0.3
742
667
297
1
1)
TAJV157*016#NJ
V
150
16
85
10
125
24
8
0.5
707
636
283
1
1)
TAJY157M016#NJ
Y
150
16
85
10
125
24
15
0.3
645
581
258
1
1)
TAJD227M016#NJV
D
220
16
85
10
125
35.2
10
0.5
548
493
219
3
TAJE227*016#NJ
E
220
16
85
10
125
35.2
10
0.5
574
517
230
1
1)
TAJV227*016#NJ
V
220
16
85
10
125
35.2
8
0.9
527
474
211
1
1)
TAJE337M016#NJ
E
330
16
85
10
125
52.8
30
0.4
642
578
257
1
1)
TAJ Series
Standard and Low Profile Tantalum Capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com