Electronic Components Datasheet Search
  English  ▼

X  

TAJ Datasheet(PDF) 12 Page - AVX Corporation

Part # TAJ
Description  Standard and Low Profile Tantalum Capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJ Datasheet(HTML) 12 Page - AVX Corporation

Back Button TAJ Datasheet HTML 5Page - AVX Corporation TAJ Datasheet HTML 6Page - AVX Corporation TAJ Datasheet HTML 7Page - AVX Corporation TAJ Datasheet HTML 8Page - AVX Corporation TAJ Datasheet HTML 9Page - AVX Corporation TAJ Datasheet HTML 10Page - AVX Corporation TAJ Datasheet HTML 11Page - AVX Corporation TAJ Datasheet HTML 12Page - AVX Corporation TAJ Datasheet HTML 13Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
17
082719
17
QUALIFICATION TABLE
TEST
TAJ series (Temperature range -55ºC to +125ºC)
Condition
Characteristics
Visual examination
no visible damage
DCL
1.25 x initial limit
ΔC/C
within ±10% of initial value
DF
initial limit
Visual examination
no visible damage
DCL
1.5 x initial limit
ΔC/C
within ±10% of initial value
DF
1.2 x initial limit
+20ºC
-55ºC
+20ºC
+85ºC
+125ºC +20ºC
DCL
IL*
n/a
IL*
10 x IL* 12.5 x IL*
IL*
ΔC/C
n/a
+0/-10%
±5%
+10/-0% +12/-0% ±5%
DF
IL*
1.5 x IL*
IL*
1.5 x IL*
2 x IL*
IL*
Visual examination
no visible damage
DCL
initial limit
ΔC/C
within ±5% of initial value
DF
initial limit
Visual examination
no visible damage
DCL
initial limit
ΔC/C
within ±5% of initial value
DF
initial limit
ESR
initial limit
Visual examination
no visible damage
DCL
initial limit
ΔC/C
within ±5% of initial value
DF
initial limit
ESR
initial limit
Apply rated voltage (Ur) at 85ºC and / or category
voltage (Uc) at 125ºC for 2000 hours through a circuit
impedance of ≤0.1Ω/V. Stabilize at room temperature
for 1-2 hours before measuring.
Store at 65ºC and 95% relative humidity for 500
hours, with no applied voltage. Stabilize at room
temperature and humidity for 1-2 hours before
measuring.
Apply 1.3x category voltage (Uc) at 125ºC for
1000 cycles of duration 6 min (30 sec charge,
5 min 30 sec discharge) through a charge /
discharge resistance of 1000Ω
MIL-STD-202, Method 213, Condition C
MIL-STD-202, Method 204, Condition D
Step
Temperature°C
Duration(min)
1
+20
15
2
-55
15
3
+20
15
4
+85
15
5
+125
15
6
+20
15
Endurance
Humidity
Temperature
Stability
Surge
Voltage
Mechanical
Shock
Vibration
TAJ Series
Standard and Low Profile Tantalum Capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com