Electronic Components Datasheet Search
  English  ▼

X  

TAJ Datasheet(PDF) 3 Page - AVX Corporation

Part # TAJ
Description  Standard and Low Profile Tantalum Capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJ Datasheet(HTML) 3 Page - AVX Corporation

  TAJ Datasheet HTML 1Page - AVX Corporation TAJ Datasheet HTML 2Page - AVX Corporation TAJ Datasheet HTML 3Page - AVX Corporation TAJ Datasheet HTML 4Page - AVX Corporation TAJ Datasheet HTML 5Page - AVX Corporation TAJ Datasheet HTML 6Page - AVX Corporation TAJ Datasheet HTML 7Page - AVX Corporation TAJ Datasheet HTML 8Page - AVX Corporation TAJ Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TAJ Series
Standard and Low Profile Tantalum Capacitors
RATINGS & PART NUMBER REFERENCE
8
082719
Rated
Rated
Category
Category
DCL
DF
ESR
100kHz RMS Current (mA)
AVX
Case
Capacitance
Voltage
Temperature Voltage
Temperature
Max.
Max.
Max.
MSL
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
(μA)
(%)
@ 100kHz
25ºC
85ºC
125ºC
(Ω)
2.5 Volt @ 85°C
TAJR475*002#NJ
R
4.7
2.5
85
1.7
125
0.5
6
20
52
47
21
1
TAJR685*002#NJ
R
6.8
2.5
85
1.7
125
0.5
6
20
52
47
21
1
TAJR106*002#NJ
R
10
2.5
85
1.7
125
0.5
8
4.5
111
99
44
1
TAJS106*002#NJ
S
10
2.5
85
1.7
125
0.5
6
8
90
81
36
1
TAJR156*002#NJ
R
15
2.5
85
1.7
125
0.5
8
4.1
116
104
46
1
TAJP226*002#NJ
P
22
2.5
85
1.7
125
0.5
8
3.5
131
118
52
1
TAJR226*002#NJ
R
22
2.5
85
1.7
125
0.5
8
3.8
120
108
48
1
TAJA336*002#NJ
A
33
2.5
85
1.7
125
0.8
8
1.7
210
189
84
1
TAJK336*002#NJ
K
33
2.5
85
1.7
125
0.8
8
1.7
196
176
78
1
TAJP336*002#NJ
P
33
2.5
85
1.7
125
0.7
8
3.5
131
118
52
1
TAJS336*002#NJ
S
33
2.5
85
1.7
125
0.7
8
1.5
208
187
83
1
TAJA476*002#NJ
A
47
2.5
85
1.7
125
0.9
6
3
158
142
63
1
TAJP476M002#NJ
P
47
2.5
85
1.7
125
1.2
12
3.2
137
123
55
1
TAJS476*002#NJ
S
47
2.5
85
1.7
125
1.2
8
1.6
202
181
81
1
TAJA686*002#NJ
A
68
2.5
85
1.7
125
1.4
8
1.5
224
201
89
1
TAJT686*002#NJ
T
68
2.5
85
1.7
125
1.4
8
1.5
231
208
92
1
TAJA107*002#NJ
A
100
2.5
85
1.7
125
2.5
30
1.4
231
208
93
1
TAJB107*002#NJ
B
100
2.5
85
1.7
125
2.5
8
1.4
246
222
99
1
TAJT107*002#NJ
T
100
2.5
85
1.7
125
2.5
15
1.3
248
223
99
1
TAJW107*002#NJ
W
100
2.5
85
1.7
125
2.5
8
0.4
474
427
190
1
TAJB157*002#NJ
B
150
2.5
85
1.7
125
3
10
1.6
230
207
92
1
TAJT157M002#NJ
T
150
2.5
85
1.7
125
3.8
18
1.2
258
232
103
1
TAJW157*002#NJ
W
150
2.5
85
1.7
125
3.8
8
0.3
548
493
219
1
TAJB227*002#NJ
B
220
2.5
85
1.7
125
4.4
16
1.6
230
207
92
1
TAJD227*002#NJ
D
220
2.5
85
1.7
125
5.5
8
0.3
707
636
283
1
TAJW227*002#NJ
W
220
2.5
85
1.7
125
5.5
8
0.3
548
493
219
1
TAJY227*002#NJ
Y
220
2.5
85
1.7
125
5.5
8
0.3
645
581
258
11)
TAJD337*002#NJ
D
330
2.5
85
1.7
125
8.2
8
0.3
707
636
283
1
TAJW337M002#NJ
W
330
2.5
85
1.7
125
8.2
12
0.3
548
493
219
1
TAJY337*002#NJ
Y
330
2.5
85
1.7
125
8.2
8
0.3
645
581
258
11)
TAJC477*002#NJ
C
470
2.5
85
1.7
125
9.4
12
0.2
742
667
297
1
TAJD477*002#NJ
D
470
2.5
85
1.7
125
11.6
8
0.2
866
779
346
1
TAJF477*002#NJ
F
470
2.5
85
1.7
125
11.8
12
0.3
577
520
231
1
TAJY477*002#NJ
Y
470
2.5
85
1.7
125
11
12
0.2
791
712
316
11)
TAJC687*002#NJ
C
680
2.5
85
1.7
125
17
18
0.2
742
667
297
1
TAJD687*002#NJ
D
680
2.5
85
1.7
125
17
16
0.2
866
779
346
1
TAJE687*002#NJ
E
680
2.5
85
1.7
125
17
10
0.2
908
817
363
11)
TAJY687*002#NJ
Y
680
2.5
85
1.7
125
17
12
0.2
791
712
316
11)
TAJD108M002#NJ
D
1000
2.5
85
1.7
125
25
20
0.2
866
779
346
1
TAJE108*002#NJ
E
1000
2.5
85
1.7
125
20
14
0.4
642
578
257
11)
TAJY108M002#NJ
Y
1000
2.5
85
1.7
125
25
30
0.2
791
712
316
11)
TAJD158*002#NJ
D
1500
2.5
85
1.7
125
37.5
60
0.2
866
779
346
1
TAJE158*002#NJ
E
1500
2.5
85
1.7
125
37
20
0.2
908
817
363
11)
TAJV158M002#NJ
V
1500
2.5
85
1.7
125
30
20
0.2
1118
1006
447
11)
TAJV228M002#NJ
V
2200
2.5
85
1.7
125
55
50
0.2
1118
1006
447
11)
4 Volt @ 85°C
TAJR225*004#NJ
R
2.2
4
85
2.7
125
0.5
6
25
47
42
19
1
TAJS225*004#NJ
S
2.2
4
85
2.7
125
0.5
6
25
51
46
20
1
TAJR335*004#NJ
R
3.3
4
85
2.7
125
0.5
6
20
52
47
21
1
TAJS335*004#NJ
S
3.3
4
85
2.7
125
0.5
6
18
60
54
24
1
TAJR475*004#NJ
R
4.7
4
85
2.7
125
0.5
6
12
68
61
27
1
TAJS475*004#NJ
S
4.7
4
85
2.7
125
0.5
6
10
81
73
32
1
TAJR685*004#NJ
R
6.8
4
85
2.7
125
0.5
6
5.2
103
93
41
1
TAJS685*004#NJ
S
6.8
4
85
2.7
125
0.5
6
8
90
81
36
1
TAJT685*004#NJ
T
6.8
4
85
2.7
125
0.5
6
6
115
104
46
1
TAJA106*004#NJ
A
10
4
85
2.7
125
0.5
6
6
112
101
45
1
TAJR106*004#NJ
R
10
4
85
2.7
125
0.5
6
7
89
80
35
1
TAJS106*004#NJ
S
10
4
85
2.7
125
0.5
6
6
104
94
42
1
TAJT106*004#NJ
T
10
4
85
2.7
125
0.5
6
5
126
114
51
1
TAJA156*004#NJ
A
15
4
85
2.7
125
0.6
6
4
137
123
55
1
TAJR156*004#NJ
R
15
4
85
2.7
125
0.6
8
4
117
106
47
1
TAJS156*004#NJ
S
15
4
85
2.7
125
0.6
8
4
127
115
51
1
TAJT156*004#NJ
T
15
4
85
2.7
125
0.6
6
2
200
180
80
1
TAJA226*004#NJ
A
22
4
85
2.7
125
0.9
6
3.5
146
132
59
1
TAJK226*004#NJ
K
22
4
85
2.7
125
0.9
8
1.8
190
171
76
1
TAJP226*004#NJ
P
22
4
85
2.7
125
0.9
8
4
122
110
49
1
TAJR226*004#NJ
R
22
4
85
2.7
125
0.9
8
3.8
120
108
48
1
TAJS226*004#NJ
S
22
4
85
2.7
125
0.9
8
3.5
136
123
55
1
TAJT226*004#NJ
T
22
4
85
2.7
125
0.9
6
1.9
205
185
82
1
TAJA336*004#NJ
A
33
4
85
2.7
125
1.3
6
3
158
142
63
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com