Electronic Components Datasheet Search
  English  ▼

X  

TAJ Datasheet(PDF) 8 Page - AVX Corporation

Part # TAJ
Description  Standard and Low Profile Tantalum Capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJ Datasheet(HTML) 8 Page - AVX Corporation

Back Button TAJ Datasheet HTML 4Page - AVX Corporation TAJ Datasheet HTML 5Page - AVX Corporation TAJ Datasheet HTML 6Page - AVX Corporation TAJ Datasheet HTML 7Page - AVX Corporation TAJ Datasheet HTML 8Page - AVX Corporation TAJ Datasheet HTML 9Page - AVX Corporation TAJ Datasheet HTML 10Page - AVX Corporation TAJ Datasheet HTML 11Page - AVX Corporation TAJ Datasheet HTML 12Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
082719
13
RATINGS & PART NUMBER REFERENCE
Rated
Rated
Category
Category
DCL
DF
ESR
100kHz RMS Current (mA)
AVX
Case
Capacitance
Voltage
Temperature Voltage
Temperature
Max.
Max.
Max.
MSL
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
(μA)
(%)
@ 100kHz
25ºC
85ºC
125ºC
(Ω)
20 Volt @ 85°C
TAJR104*020#NJ
R
0.1
20
85
13
125
0.5
4
25
47
42
19
1
TAJS104*020#NJ
S
0.1
20
85
13
125
0.5
4
25
51
46
20
1
TAJR154*020#NJ
R
0.15
20
85
13
125
0.5
4
25
47
42
19
1
TAJS154*020#NJ
S
0.15
20
85
13
125
0.5
4
25
51
46
20
1
TAJR224*020#NJ
R
0.22
20
85
13
125
0.5
4
25
47
42
19
1
TAJS224*020#NJ
S
0.22
20
85
13
125
0.5
4
25
51
46
20
1
TAJR334*020#NJ
R
0.33
20
85
13
125
0.5
4
25
47
42
19
1
TAJS334*020#NJ
S
0.33
20
85
13
125
0.5
4
25
51
46
20
1
TAJR474*020#NJ
R
0.47
20
85
13
125
0.5
4
25
47
42
19
1
TAJS474*020#NJ
S
0.47
20
85
13
125
0.5
4
25
51
46
20
1
TAJR684*020#NJ
R
0.68
20
85
13
125
0.5
4
20
52
47
21
1
TAJS684*020#NJ
S
0.68
20
85
13
125
0.5
4
25
51
46
20
1
TAJT684*020#NJ
T
0.68
20
85
13
125
0.5
4
15
73
66
29
1
TAJA105*020#NJ
A
1
20
85
13
125
0.5
4
9
91
82
37
1
TAJR105*020#NJ
R
1
20
85
13
125
0.5
4
20
52
47
21
1
TAJS105*020#NJ
S
1
20
85
13
125
0.5
4
12
74
66
29
1
TAJT105*020#NJ
T
1
20
85
13
125
0.5
4
9
94
85
38
1
TAJA155*020#NJ
A
1.5
20
85
13
125
0.5
6
6.5
107
97
43
1
TAJP155*020#NJ
P
1.5
20
85
13
125
0.5
6
9.6
79
71
32
1
TAJR155*020#NJ
R
1.5
20
85
13
125
0.5
6
9.6
76
68
30
1
TAJS155*020#NJ
S
1.5
20
85
13
125
0.5
6
5.4
110
99
44
1
TAJT155*020#NJ
T
1.5
20
85
13
125
0.5
6
6.5
111
100
44
1
TAJA225*020#NJ
A
2.2
20
85
13
125
0.5
6
5.3
119
107
48
1
TAJB225*020#NJ
B
2.2
20
85
13
125
0.5
6
3.5
156
140
62
1
TAJP225*020#NJ
P
2.2
20
85
13
125
0.5
6
8.3
85
77
34
1
TAJR225*020#NJ
R
2.2
20
85
13
125
0.5
6
6
96
86
38
1
TAJS225*020#NJ
S
2.2
20
85
13
125
0.5
6
4.5
120
108
48
1
TAJT225*020#NJ
T
2.2
20
85
13
125
0.5
6
6
115
104
46
1
TAJA335*020#NJ
A
3.3
20
85
13
125
0.7
6
4.5
129
116
52
1
TAJB335*020#NJ
B
3.3
20
85
13
125
0.7
6
3
168
151
67
1
TAJT335*020#NJ
T
3.3
20
85
13
125
0.7
6
3
163
147
65
1
TAJA475*020#NJ
A
4.7
20
85
13
125
0.9
6
4
137
123
55
1
TAJB475*020#NJ
B
4.7
20
85
13
125
0.9
6
3
168
151
67
1
TAJC475*020#NJ
C
4.7
20
85
13
125
0.9
6
2.8
198
178
79
1
TAJT475*020#NJ
T
4.7
20
85
13
125
0.9
6
3.1
161
145
64
1
TAJA685*020#NJ
A
6.8
20
85
13
125
1.4
6
2.4
177
159
71
1
TAJB685*020#NJ
B
6.8
20
85
13
125
1.4
6
2.5
184
166
74
1
TAJC685*020#NJ
C
6.8
20
85
13
125
1.4
6
2
235
211
94
1
TAJT685*020#NJ
T
6.8
20
85
13
125
1.4
6
2.6
175
158
70
1
TAJB106*020#NJ
B
10
20
85
13
125
2
6
2.1
201
181
80
1
TAJC106*020#NJ
C
10
20
85
13
125
2
6
1.2
303
272
121
1
TAJW106*020#NJ
W
10
20
85
13
125
2
6
1.9
218
196
87
1
TAJB156*020#NJ
B
15
20
85
13
125
3
6
2
206
186
82
1
TAJC156*020#NJ
C
15
20
85
13
125
3
6
1.7
254
229
102
1
TAJD156*020#NJ
D
15
20
85
13
125
3
6
1.1
369
332
148
1
TAJW156*020#NJ
W
15
20
85
13
125
3
6
1.7
230
207
92
1
TAJB226*020#NJ
B
22
20
85
13
125
4.4
6
1.8
217
196
87
1
TAJC226*020#NJ
C
22
20
85
13
125
4.4
6
1.6
262
236
105
1
TAJD226*020#NJ
D
22
20
85
13
125
4.4
6
0.9
408
367
163
1
TAJW226*020#NJ
W
22
20
85
13
125
4.4
6
1.6
237
213
95
1
TAJY226*020#NJ
Y
22
20
85
13
125
4.4
6
0.9
373
335
149
11)
TAJC336*020#NJ
C
33
20
85
13
125
6.6
6
1.5
271
244
108
1
TAJD336*020#NJ
D
33
20
85
13
125
6.6
6
0.9
408
367
163
1
TAJX336*020#NJ
X
33
20
85
13
125
6.6
6
0.5
447
402
179
11)
TAJY336*020#NJ
Y
33
20
85
13
125
6.6
6
0.6
456
411
183
11)
TAJC476*020#NJ
C
47
20
85
13
125
9.4
6
0.5
469
422
188
1
TAJD476*020#NJ
D
47
20
85
13
125
9.4
6
0.9
408
367
163
1
TAJE476*020#NJ
E
47
20
85
13
125
9.4
6
0.9
428
385
171
11)
TAJX476*020#NJ
X
47
20
85
13
125
9.4
6
0.4
500
450
200
11)
TAJY476*020#NJ
Y
47
20
85
13
125
9.4
6
0.9
373
335
149
11)
TAJC686M020#NJ
C
68
20
85
13
125
13.6
8
0.5
469
422
188
1
TAJD686*020#NJ
D
68
20
85
13
125
13.6
6
0.4
612
551
245
1
TAJE686*020#NJ
E
68
20
85
13
125
13.6
6
0.9
428
385
171
11)
TAJY686*020#NJ
Y
68
20
85
13
125
13.6
6
0.9
373
335
149
11)
TAJD107*020#NJ
D
100
20
85
13
125
20
6
0.5
548
493
219
1
TAJE107*020#NJ
E
100
20
85
13
125
20
6
0.4
642
578
257
11)
TAJV107*020#NJ
V
100
20
85
13
125
20
8
0.9
527
474
211
11)
TAJE157*020#NJ
E
150
20
85
13
125
30
8
0.3
742
667
297
11)
TAJV157*020#NJ
V
150
20
85
13
125
30
8
0.3
913
822
365
11)
TAJ Series
Standard and Low Profile Tantalum Capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com