Electronic Components Datasheet Search
  English  ▼

X  

TAJ Datasheet(PDF) 10 Page - AVX Corporation

Part # TAJ
Description  Standard and Low Profile Tantalum Capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJ Datasheet(HTML) 10 Page - AVX Corporation

Back Button TAJ Datasheet HTML 5Page - AVX Corporation TAJ Datasheet HTML 6Page - AVX Corporation TAJ Datasheet HTML 7Page - AVX Corporation TAJ Datasheet HTML 8Page - AVX Corporation TAJ Datasheet HTML 9Page - AVX Corporation TAJ Datasheet HTML 10Page - AVX Corporation TAJ Datasheet HTML 11Page - AVX Corporation TAJ Datasheet HTML 12Page - AVX Corporation TAJ Datasheet HTML 13Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
082719
15
RATINGS & PART NUMBER REFERENCE
Rated
Rated
Category
Category
DCL
DF
ESR
100kHz RMS Current (mA)
AVX
Case
Capacitance
Voltage
Temperature Voltage
Temperature
Max.
Max.
Max.
MSL
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
(μA)
(%)
@ 100kHz
25ºC
85ºC
125ºC
(Ω)
TAJS334*035#NJ
S
0.33
35
85
23
125
0.5
4
15
66
59
26
1
TAJA474*035#NJ
A
0.47
35
85
23
125
0.5
4
12
79
71
32
1
TAJB474*035#NJ
B
0.47
35
85
23
125
0.5
4
10
92
83
37
1
TAJR474*035#NJ
R
0.47
35
85
23
125
0.5
4
15
61
54
24
1
TAJS474*035#NJ
S
0.47
35
85
23
125
0.5
4
12
74
66
29
1
TAJT474*035#NJ
T
0.47
35
85
23
125
0.5
4
10
89
80
36
1
TAJA684*035#NJ
A
0.68
35
85
23
125
0.5
4
8
97
87
39
1
TAJB684*035#NJ
B
0.68
35
85
23
125
0.5
4
8
103
93
41
1
TAJP684*035#NJ
P
0.68
35
85
23
125
0.5
4
13
68
61
27
1
TAJS684*035#NJ
S
0.68
35
85
23
125
0.5
4
8
90
81
36
1
TAJT684*035#NJ
T
0.68
35
85
23
125
0.5
4
8
100
90
40
1
TAJA105*035#NJ
A
1
35
85
23
125
0.5
4
7.5
100
90
40
1
TAJB105*035#NJ
B
1
35
85
23
125
0.5
4
6.5
114
103
46
1
TAJP105*035#NJ
P
1
35
85
23
125
0.5
4
11
74
66
30
1
TAJS105*035#NJ
S
1
35
85
23
125
0.5
4
7.5
93
84
37
1
TAJT105*035#NJ
T
1
35
85
23
125
0.5
4
6.5
111
100
44
1
TAJA155*035#NJ
A
1.5
35
85
23
125
0.5
6
7.5
100
90
40
1
TAJB155*035#NJ
B
1.5
35
85
23
125
0.5
6
5.2
128
115
51
1
TAJC155*035#NJ
C
1.5
35
85
23
125
0.5
6
4.5
156
141
63
1
TAJT155*035#NJ
T
1.5
35
85
23
125
0.5
6
5.2
124
112
50
1
TAJA225*035#NJ
A
2.2
35
85
23
125
0.8
6
4.5
129
116
52
1
TAJB225*035#NJ
B
2.2
35
85
23
125
0.8
6
4.2
142
128
57
1
TAJC225*035#NJ
C
2.2
35
85
23
125
0.8
6
3.5
177
160
71
1
TAJT225*035#NJ
T
2.2
35
85
23
125
0.8
6
4.2
138
124
55
1
TAJB335*035#NJ
B
3.3
35
85
23
125
1.2
6
3.5
156
140
62
1
TAJC335*035#NJ
C
3.3
35
85
23
125
1.2
6
2.5
210
189
84
1
TAJW335*035#NJ
W
3.3
35
85
23
125
1.2
6
1.6
237
213
95
1
TAJB475*035#NJ
B
4.7
35
85
23
125
1.6
6
3.1
166
149
66
1
TAJC475*035#NJ
C
4.7
35
85
23
125
1.6
6
2.2
224
201
89
1
TAJD475*035#NJ
D
4.7
35
85
23
125
1.6
6
1.5
316
285
126
1
TAJW475*035#NJ
W
4.7
35
85
23
125
1.6
6
2.2
202
182
81
1
TAJC685*035#NJ
C
6.8
35
85
23
125
2.4
6
1.8
247
222
99
1
TAJD685*035#NJ
D
6.8
35
85
23
125
2.4
6
1.3
340
306
136
1
TAJY685*035#NJ
Y
6.8
35
85
23
125
2.3
6
0.9
373
335
149
11)
TAJC106*035#NJ
C
10
35
85
23
125
3.5
6
1.6
262
236
105
1
TAJD106*035#NJ
D
10
35
85
23
125
3.5
6
1
387
349
155
1
TAJE106*035#NJ
E
10
35
85
23
125
3.5
6
0.9
428
385
171
11)
TAJX106*035#NJ
X
10
35
85
23
125
3.5
6
0.7
378
340
151
11)
TAJY106*035#NJ
Y
10
35
85
23
125
3.5
6
1
354
318
141
11)
TAJC156*035#NJ
C
15
35
85
23
125
5.3
6
1.4
280
252
112
1
TAJD156*035#NJ
D
15
35
85
23
125
5.3
6
0.9
408
367
163
1
TAJY156*035#NJ
Y
15
35
85
23
125
5.3
6
0.6
456
411
183
1
1)
TAJD226*035#NJ
D
22
35
85
23
125
7.7
6
0.9
408
367
163
1
TAJE226*035#NJ
E
22
35
85
23
125
7.7
6
0.5
574
517
230
1
1)
TAJY226*035#NJ
Y
22
35
85
23
125
7.7
6
0.5
500
450
200
1
1)
TAJD336*035#NJ
D
33
35
85
23
125
11.6
6
0.9
408
367
163
1
TAJE336*035#NJ
E
33
35
85
23
125
11.6
6
0.9
428
385
171
1
1)
TAJV336*035#NJ
V
33
35
85
23
125
11.6
6
0.5
707
636
283
1
1)
TAJD476*035#NJV
D
47
35
85
23
125
16.5
6
0.9
408
367
163
3
TAJE476*035#NJ
E
47
35
85
23
125
16.5
6
0.9
428
385
171
1
1)
TAJV476*035#NJ
V
47
35
85
23
125
16.5
6
0.4
791
712
316
1
1)
TAJV686*035#NJ
V
68
35
85
23
125
23.8
6
0.5
707
363
283
1
1)
50 Volt @ 85°C
TAJA104*050#NJ
A
0.1
50
85
33
125
0.5
4
22
58
53
23
1
TAJS104*050#NJ
S
0.1
50
85
33
125
0.5
4
19
58
53
23
1
TAJA154*050#NJ
A
0.15
50
85
33
125
0.5
4
15
71
64
28
1
TAJB154*050#NJ
B
0.15
50
85
33
125
0.5
4
17
71
64
28
1
TAJS154*050#NJ
S
0.15
50
85
33
125
0.5
4
16
64
57
25
1
TAJA224*050#NJ
A
0.22
50
85
33
125
0.5
4
18
65
58
26
1
TAJB224*050#NJ
B
0.22
50
85
33
125
0.5
4
14
78
70
31
1
TAJP224*050#NJ
P
0.22
50
85
33
125
0.5
4
17
59
53
24
1
TAJR224*050#NJ
R
0.22
50
85
33
125
0.5
4
17
57
51
23
1
TAJS224*050#NJ
S
0.22
50
85
33
125
0.5
4
13
71
64
28
1
TAJA334*050#NJ
A
0.33
50
85
33
125
0.5
4
17
66
60
27
1
TAJB334*050#NJ
B
0.33
50
85
33
125
0.5
4
12
84
76
34
1
TAJP334*050#NJ
P
0.33
50
85
33
125
0.5
4
17
59
53
24
1
TAJR334M050#NJ
R
0.33
50
85
33
125
0.5
4
17
57
51
23
1
TAJS334*050#NJ
S
0.33
50
85
33
125
0.5
4
11
77
69
31
1
TAJT334*050#NJ
T
0.33
50
85
33
125
0.5
4
11
85
77
34
1
TAJA474*050#NJ
A
0.47
50
85
33
125
0.5
4
9.5
89
80
36
1
TAJB474*050#NJ
B
0.47
50
85
33
125
0.5
4
9.5
95
85
38
1
TAJC474*050#NJ
C
0.47
50
85
33
125
0.5
4
8
117
106
47
1
TAJ Series
Standard and Low Profile Tantalum Capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com