Electronic Components Datasheet Search
  English  ▼

X  

TAJ Datasheet(PDF) 4 Page - AVX Corporation

Part # TAJ
Description  Standard and Low Profile Tantalum Capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJ Datasheet(HTML) 4 Page - AVX Corporation

  TAJ Datasheet HTML 1Page - AVX Corporation TAJ Datasheet HTML 2Page - AVX Corporation TAJ Datasheet HTML 3Page - AVX Corporation TAJ Datasheet HTML 4Page - AVX Corporation TAJ Datasheet HTML 5Page - AVX Corporation TAJ Datasheet HTML 6Page - AVX Corporation TAJ Datasheet HTML 7Page - AVX Corporation TAJ Datasheet HTML 8Page - AVX Corporation TAJ Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TAJ Series
Standard and Low Profile Tantalum Capacitors
RATINGS & PART NUMBER REFERENCE
082719
9
Rated
Rated
Category
Category
DCL
DF
ESR
100kHz RMS Current (mA)
AVX
Case
Capacitance
Voltage
Temperature Voltage
Temperature
Max.
Max.
Max.
MSL
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
(μA)
(%)
@ 100kHz
25ºC
85ºC
125ºC
(Ω)
TAJB336*004#NJ
B
33
4
85
2.7
125
1.3
6
2.8
174
157
70
1
TAJK336*004#NJ
K
33
4
85
2.7
125
1.3
10
1.7
196
176
78
1
TAJP336M004#NJ
P
33
4
85
2.7
125
1.3
8
2.8
146
132
59
1
TAJS336*004#NJ
S
33
4
85
2.7
125
1.3
8
1.7
196
176
78
1
TAJT336*004#NJ
T
33
4
85
2.7
125
1.3
6
1.7
217
195
87
1
TAJW336*004#NJ
W
33
4
85
2.7
125
1.3
6
0.6
387
349
155
1
TAJA476*004#NJ
A
47
4
85
2.7
125
1.9
8
2.6
170
153
68
1
TAJB476*004#NJ
B
47
4
85
2.7
125
1.9
6
2.4
188
169
75
1
TAJT476*004#NJ
T
47
4
85
2.7
125
1.9
10
1.6
224
201
89
1
TAJW476*004#NJ
W
47
4
85
2.7
125
1.9
6
0.5
424
382
170
1
TAJA686*004#NJ
A
68
4
85
2.7
125
2.7
10
1.5
224
201
89
1
TAJB686*004#NJ
B
68
4
85
2.7
125
2.7
6
1.8
217
196
87
1
TAJT686*004#NJ
T
68
4
85
2.7
125
2.7
15
1.5
231
208
92
1
TAJW686*004#NJ
W
68
4
85
2.7
125
2.7
6
0.4
474
427
190
1
TAJA107*004#NJ
A
100
4
85
2.7
125
4
30
1.4
231
208
93
1
TAJB107*004#NJ
B
100
4
85
2.7
125
4
8
0.9
307
277
123
1
TAJC107*004#NJ
C
100
4
85
2.7
125
4
6
1.3
291
262
116
1
TAJT107M004#NJ
T
100
4
85
2.7
125
4
14
1.4
239
215
96
1
TAJW107*004#NJ
W
100
4
85
2.7
125
4
6
0.4
474
427
190
1
TAJB157*004#NJ
B
150
4
85
2.7
125
6
10
1.5
238
214
95
1
TAJC157*004#NJ
C
150
4
85
2.7
125
6
6
0.3
606
545
242
1
TAJW157*004#NJ
W
150
4
85
2.7
125
6
6
0.5
424
382
170
1
TAJY157*004#NJ
Y
150
4
85
2.7
125
6
6
0.4
559
503
224
11)
TAJB227*004#NJ
B
220
4
85
2.7
125
8.8
12
1.1
278
250
111
1
TAJC227*004#NJ
C
220
4
85
2.7
125
8.8
8
1.2
303
272
121
1
TAJD227*004#NJ
D
220
4
85
2.7
125
8.8
8
0.9
408
367
163
1
TAJW227*004#NJ
W
220
4
85
2.7
125
8.8
8
0.3
548
493
219
1
TAJX227*004#NJ
X
220
4
85
2.7
125
8.8
8
0.9
577
520
231
11)
TAJY227*004#NJ
Y
220
4
85
2.7
125
8.8
8
0.3
645
581
258
11)
TAJC337*004#NJ
C
330
4
85
2.7
125
13.2
8
0.3
606
545
242
1
TAJD337*004#NJ
D
330
4
85
2.7
125
13.2
8
0.9
408
367
163
1
TAJF337*004#NJ
F
330
4
85
2.7
125
13.2
10
0.3
577
520
231
1
TAJX337*004#NJ
X
330
4
85
2.7
125
13.2
8
0.3
577
520
231
11)
TAJY337*004#NJ
Y
330
4
85
2.7
125
13.2
12
0.4
559
503
224
11)
TAJC477*004#NJ
C
470
4
85
2.7
125
18.8
14
0.3
606
545
242
1
TAJD477*004#NJ
D
470
4
85
2.7
125
18.8
12
0.9
408
367
163
1
TAJE477*004#NJ
E
470
4
85
2.7
125
18.8
10
0.5
574
517
230
11)
TAJY477*004#NJ
Y
470
4
85
2.7
125
18.8
14
0.4
559
503
224
11)
TAJD687*004#NJ
D
680
4
85
2.7
125
27.2
14
0.5
548
493
219
1
TAJE687*004#NJ
E
680
4
85
2.7
125
27.2
14
0.9
428
385
171
11)
TAJY687M004#NJ
Y
680
4
85
2.7
125
27.2
25
0.2
791
712
316
11)
TAJD108*004#NJ
D
1000
4
85
2.7
125
40
60
0.2
866
779
346
1
TAJE108*004#NJ
E
1000
4
85
2.7
125
40
14
0.4
642
578
257
11)
TAJV108*004#NJ
V
1000
4
85
2.7
125
40
16
0.2
1118
1006
447
11)
TAJE158*004#NJ
E
1500
4
85
2.7
125
60
30
0.2
908
817
363
11)
TAJV158M004#NJ
V
1500
4
85
2.7
125
60
30
0.2
1118
1006
447
11)
6.3 Volt @ 85°C
TAJR155*006#NJ
R
1.5
6.3
85
4
125
0.5
6
25
47
42
19
1
TAJS155*006#NJ
S
1.5
6.3
85
4
125
0.5
6
25
51
46
20
1
TAJA225*006#NJ
A
2.2
6.3
85
4
125
0.5
6
9
91
82
37
1
TAJR225*006#NJ
R
2.2
6.3
85
4
125
0.5
6
20
52
47
21
1
TAJS225*006#NJ
S
2.2
6.3
85
4
125
0.5
6
18
60
54
24
1
TAJA335*006#NJ
A
3.3
6.3
85
4
125
0.5
6
7
104
93
41
1
TAJR335*006#NJ
R
3.3
6.3
85
4
125
0.5
6
12
68
61
27
1
TAJS335*006#NJ
S
3.3
6.3
85
4
125
0.5
6
9
85
76
34
1
TAJA475*006#NJ
A
4.7
6.3
85
4
125
0.5
6
6
112
101
45
1
TAJR475*006#NJ
R
4.7
6.3
85
4
125
0.5
6
7
89
80
35
1
TAJS475*006#NJ
S
4.7
6.3
85
4
125
0.5
6
7.5
93
84
37
1
TAJT475*006#NJ
T
4.7
6.3
85
4
125
0.5
6
6
115
104
46
1
TAJA685*006#NJ
A
6.8
6.3
85
4
125
0.5
6
5
122
110
49
1
TAJB685*006#NJ
B
6.8
6.3
85
4
125
0.6
6
5
130
117
52
1
TAJR685*006#NJ
R
6.8
6.3
85
4
125
0.5
8
7
89
80
35
1
TAJS685*006#NJ
S
6.8
6.3
85
4
125
0.5
6
2.6
158
142
63
1
TAJT685*006#NJ
T
6.8
6.3
85
4
125
0.5
6
5
126
114
51
1
TAJA106*006#NJ
A
10
6.3
85
4
125
0.6
6
4
137
123
55
1
TAJB106*006#NJ
B
10
6.3
85
4
125
0.6
6
3
168
151
67
1
TAJP106*006#NJ
P
10
6.3
85
4
125
0.6
8
6
100
90
40
1
TAJR106*006#NJ
R
10
6.3
85
4
125
0.6
8
6
96
86
38
1
TAJS106*006#NJ
S
10
6.3
85
4
125
0.6
8
4
127
115
51
1
TAJT106*006#NJ
T
10
6.3
85
4
125
0.6
6
4
141
127
57
1
TAJA156*006#NJ
A
15
6.3
85
4
125
0.9
6
3.5
146
132
59
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com