Electronic Components Datasheet Search
  English  ▼

X  

TAJ Datasheet(PDF) 11 Page - AVX Corporation

Part # TAJ
Description  Standard and Low Profile Tantalum Capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJ Datasheet(HTML) 11 Page - AVX Corporation

Back Button TAJ Datasheet HTML 5Page - AVX Corporation TAJ Datasheet HTML 6Page - AVX Corporation TAJ Datasheet HTML 7Page - AVX Corporation TAJ Datasheet HTML 8Page - AVX Corporation TAJ Datasheet HTML 9Page - AVX Corporation TAJ Datasheet HTML 10Page - AVX Corporation TAJ Datasheet HTML 11Page - AVX Corporation TAJ Datasheet HTML 12Page - AVX Corporation TAJ Datasheet HTML 13Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
16
082719
TAJ Series
Standard and Low Profile Tantalum Capacitors
*Initial Limit
11) – Dry pack option (see How to order) is recommended for reduction of stress during soldering. Dry pack parts should be treated as MSL 3.
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is
measured at rated voltage after 5 minutes.
For typical weight and composition see page 274.
NOTE: AVX reserves the right to supply higher voltage ratings or tighter tolerance part in the same case size, to the same reliability standards.
RATINGS & PART NUMBER REFERENCE
Rated
Rated
Category
Category
DCL
DF
ESR
100kHz RMS Current (mA)
AVX
Case
Capacitance
Voltage
Temperature Voltage
Temperature
Max.
Max.
Max.
MSL
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
(μA)
(%)
@ 100kHz
25ºC
85ºC
125ºC
(Ω)
TAJS474*050#NJ
S
0.47
50
85
33
125
0.5
4
9.5
83
74
33
1
TAJT474*050#NJ
T
0.47
50
85
33
125
0.5
4
9.5
92
83
37
1
TAJA684*050#NJ
A
0.68
50
85
33
125
0.5
4
7.9
97
88
39
1
TAJB684*050#NJ
B
0.68
50
85
33
125
0.5
4
8
103
93
41
1
TAJC684*050#NJ
C
0.68
50
85
33
125
0.5
4
7
125
113
50
1
TAJA105*050#NJ
A
1
50
85
33
125
0.5
4
6.6
107
96
43
1
TAJB105*050#NJ
B
1
50
85
33
125
0.5
6
7
110
99
44
1
TAJC105*050#NJ
C
1
50
85
33
125
0.5
4
5.5
141
127
57
1
TAJW105*050#NJ
W
1
50
85
33
125
0.5
6
4.4
143
129
57
1
TAJB155*050#NJ
B
1.5
50
85
33
125
0.8
8
5.4
125
113
50
1
TAJC155*050#NJ
C
1.5
50
85
33
125
0.8
6
4.5
156
141
63
1
TAJD155*050#NJ
D
1.5
50
85
33
125
0.8
6
4
194
174
77
1
TAJW155*050#NJ
W
1.5
50
85
33
125
0.8
6
3.1
170
153
68
1
TAJB225*050#NJ
B
2.2
50
85
33
125
1.1
8
4.5
137
124
55
1
TAJC225*050#NJ
C
2.2
50
85
33
125
1.1
8
2.5
210
189
84
1
TAJD225*050#NJ
D
2.2
50
85
33
125
1.1
6
2.5
245
220
98
1
TAJW225*050#NJ
W
2.2
50
85
33
125
1.1
8
2.5
190
171
76
1
TAJC335*050#NJ
C
3.3
50
85
33
125
1.6
6
2.5
210
189
84
1
TAJD335*050#NJ
D
3.3
50
85
33
125
1.7
6
2
274
246
110
1
TAJY335*050#NJ
Y
3.3
50
85
33
125
1.7
4
1.5
289
260
115
1
1)
TAJC475*050#NJ
C
4.7
50
85
33
125
2.4
6
1.4
280
252
112
1
TAJD475*050#NJ
D
4.7
50
85
33
125
2.4
6
1.4
327
295
131
1
TAJX475*050#NJV
X
4.7
50
85
33
125
2.4
6
1.0
316
285
126
3
TAJY475*050#NJ
Y
4.7
50
85
33
125
2.4
6
1.2
323
290
129
1
1)
TAJC685*050#NJ
C
6.8
50
85
33
125
3.4
6
1
332
298
133
1
TAJD685*050#NJ
D
6.8
50
85
33
125
3.4
6
1
387
349
155
1
TAJY685*050#NJ
Y
6.8
50
85
33
125
3.4
6
0.9
373
335
149
1
1)
TAJD106*050#NJ
D
10
50
85
33
125
5
6
0.8
433
390
173
1
TAJE106*050#NJ
E
10
50
85
33
125
5
6
0.8
454
409
182
1
1)
TAJV106*050#NJ
V
10
50
85
33
125
5
6
0.65
620
558
248
1
1)
TAJD156*050#NJ
D
15
50
85
33
125
7.5
6
0.6
500
450
200
1
TAJE156*050#NJ
E
15
50
85
33
125
7.5
6
0.6
524
472
210
1
1)
TAJV156*050#NJ
V
15
50
85
33
125
7.5
6
0.6
645
581
258
1
1)
TAJV226*050#NJ
V
22
50
85
33
125
11
8
0.6
645
581
258
1
1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com