Electronic Components Datasheet Search
  English  ▼

X  

FC9910B Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FC9910B
Description  Universal High Brightness LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9910B Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FC9910B Datasheet HTML 1Page - First Silicon Co., Ltd FC9910B Datasheet HTML 2Page - First Silicon Co., Ltd FC9910B Datasheet HTML 3Page - First Silicon Co., Ltd FC9910B Datasheet HTML 4Page - First Silicon Co., Ltd FC9910B Datasheet HTML 5Page - First Silicon Co., Ltd FC9910B Datasheet HTML 6Page - First Silicon Co., Ltd FC9910B Datasheet HTML 7Page - First Silicon Co., Ltd FC9910B Datasheet HTML 8Page - First Silicon Co., Ltd FC9910B Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Pin Description
FC9910B
2013. 08. 29
4/10
Revision No : 1
Figure 3. Block Diagram of FC9910B
No Connects (NC) are not internally connected and may be used for pass-thru PCB traces.
Description
Name
SO-16
SO-8
DIP-8
VIN
1
1
Input voltage 8V to 450V DC
CS
4
2
Senses LED string current
GND
5
3
Device ground
GATE
8
4
Drives the gate of the external MOSFET
PWM_D
9
5
Low Frequency PWM Dimming pin, also Enable
input. Internal 100kΩ pull-down to GND
VDD
12
6
Internally regulated supply voltage. 7.5V
nominal. Can supply up to 1mA for external
circuitry. A sufficient storage capacitor is used to
provide storage when the rectified AC input is
near the zero crossings.
LD
13
7
Linear Dimming by changing the current limit
threshold at current sense comparator
ROSC
14
8
Oscillator control. A resistor connected between
this pin and ground sets the PWM frequency.
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com