Electronic Components Datasheet Search
  English  ▼

X  

FC9910B Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FC9910B
Description  Universal High Brightness LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9910B Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FC9910B Datasheet HTML 1Page - First Silicon Co., Ltd FC9910B Datasheet HTML 2Page - First Silicon Co., Ltd FC9910B Datasheet HTML 3Page - First Silicon Co., Ltd FC9910B Datasheet HTML 4Page - First Silicon Co., Ltd FC9910B Datasheet HTML 5Page - First Silicon Co., Ltd FC9910B Datasheet HTML 6Page - First Silicon Co., Ltd FC9910B Datasheet HTML 7Page - First Silicon Co., Ltd FC9910B Datasheet HTML 8Page - First Silicon Co., Ltd FC9910B Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Features
Constant current LED driver
Applications from a few mA to more then 1A output
LED string from one to hundreds of diodes
8.0 to 450V input range
PWM Low-Frequency dimming via enable pin
Input voltage surge ratings up to 500V
>90% efficiency
Applications
DC/DC or AC/DC LED driver applications
RGB backlighting LED driver
Back lighting of
flat panel displays
General purpose constant current source
Signage and decorative LED lighting
Chargers
►
►
►
►
►
►
►
►
►
►
►
►
►
General Description
The FC9910B is a PWM high efficiency LED driver control
IC. It allows efficient operation of High Brightness LEDs from
voltage sources ranging from 8V DC up to 450V DC.
The FC9910B controls an internal MOSFET at fixed switching
frequency up to 300kHz. The frequency can be programmed
using a single resister.
The LED string is driven at constant current rather then
constant voltage, thus providing constant light output and
enhanced reliability. The output current can be programmed
between afew milliampares and up to more then 1.0A.
The FC9910B uses a rugged high voltage junction isolated
process that can withstand an input voltage surge of up to
450V. Output current to an LED string can be programmed to
any value between zero and its maximum value by appling an
external control voltage at linear dimming control input of the
FC9910B. The FC9910B provides a low frequency PWM
dimming input that can accept an external control signal with a
duty ratio of 0~100% and a frequency of up to a few kHz.
Typical Application Circuit
Universal High Brightness LED Driver
CDD
RT
RCS
L1
Q1
D1
CO
C N
FC9910B
VIN
DRV
PWM_D
VDD
LIN_D
ISEN
Rosc
GND
SEMICONDUCTOR
TECHNICAL DATA
FC9910B
2013. 08. 29
1/10
Revision No : 1
Figure 1. Typical Application Circuit of FC9910B
► Epoxy: UL 94V-0 rate flame retardant


Similar Part No. - FC9910B

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FC9911 FS-FC9911 Datasheet
532Kb / 13P
LED Driver Switch-Mode LED Driver IC with High Current Accuracy
More results

Similar Description - FC9910B

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9910 SUTEX-HV9910 Datasheet
442Kb / 11P
Universal High Brightness LED Driver
HV9910B SUTEX-HV9910B Datasheet
740Kb / 8P
Universal High Brightness LED Driver
HV9910 SUTEX-HV9910_07 Datasheet
578Kb / 8P
Universal High Brightness LED Driver
logo
Integrated Silicon Solu...
IS31LT3910 ISSI-IS31LT3910 Datasheet
290Kb / 8P
UNIVERSAL HIGH BRIGHTNESS LED DRIVER
logo
SYNC POWER Crop.
SP6801 SYNC-POWER-SP6801 Datasheet
98Kb / 6P
Universal High Brightness LED Driver
logo
Cystech Electonics Corp...
HV9910Q8 CYSTEKEC-HV9910Q8 Datasheet
230Kb / 7P
Universal High Brightness LED Driver
logo
Diodes Incorporated
PAM99700 DIODES-PAM99700 Datasheet
421Kb / 12P
UNIVERSAL HIGH BRIGHTNESS LED DRIVER
Rev 1
logo
Microchip Technology
HV9910V MICROCHIP-HV9910V Datasheet
375Kb / 15P
Universal High-Brightness LED Driver
01/27/15
HV9910C MICROCHIP-HV9910C Datasheet
363Kb / 18P
Universal High-Brightness LED Driver
03/25/14
logo
Bookly Micro electronic
BM0550HV BOOKLY-BM0550HV Datasheet
218Kb / 5P
Universal High Brightness LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com