Electronic Components Datasheet Search
  English  ▼

X  

FC9910B Datasheet(PDF) 6 Page - First Silicon Co., Ltd

Part # FC9910B
Description  Universal High Brightness LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9910B Datasheet(HTML) 6 Page - First Silicon Co., Ltd

Back Button FC9910B Datasheet HTML 2Page - First Silicon Co., Ltd FC9910B Datasheet HTML 3Page - First Silicon Co., Ltd FC9910B Datasheet HTML 4Page - First Silicon Co., Ltd FC9910B Datasheet HTML 5Page - First Silicon Co., Ltd FC9910B Datasheet HTML 6Page - First Silicon Co., Ltd FC9910B Datasheet HTML 7Page - First Silicon Co., Ltd FC9910B Datasheet HTML 8Page - First Silicon Co., Ltd FC9910B Datasheet HTML 9Page - First Silicon Co., Ltd FC9910B Datasheet HTML 10Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
The linear dimming can be implemented by applying a
control voltage from 0mV to the 250mV to the LIN_D
pin. This control voltage overrides the internally set 250mV
threshold level of the ISEN pin and programs the output
current accordingly.
For example, a potentiometer
connected between Vcc and ground can program the
control voltage at the ISEN pin.
Applying a control
voltage higher then 250mV will not change the output
current setting. When higher current is desired, select a
smaller sense resistor.
The PWM dimming scheme can be implemented by
applying an external PWM signal to the PWM_D pin.
The PWM signal can be generated by a microcontroller
or a pulse generator with a duty cycle proportional to the
amount of desired light output. This signal enables and
disables the converter modulating the LED current in
the PWM fashion. In this mode LED current can be in
one of the two states, zero or the nominal current set by
the current sense resistor. It is not possible to use this
methode to achive everage brightness levels higher then
the one set by the current sense threshold level of the
FC9910. By using the PWM control methode of the
FC9910, the l ight output can be adjusted between zero
and 100%. the accuracy of the PWM dimming methode
is limited only by the minimum gate pulse width, which
is a fraction of a percent of the low frequency duty cycle.
The operating frequency of the oscillator is programmed
between 25 and 300kHz using an external resistor
connected to the connected to the Rosc pin.
Fosc = 25000/(Rosc[kΩ] +22) [kHz]
FC9910B
2013. 05. 08
6/10
Revision No : 0
Application Information (Continued)
5. Programming Operating Frequency
33% PWM Ratio at 500Hz Dimming
95% PWM Ratio at 500Hz Dimming
0.4% PWM Ratio at 500Hz Dimming



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com