Electronic Components Datasheet Search
  English  ▼

X  

FC9910B Datasheet(PDF) 5 Page - First Silicon Co., Ltd

Part # FC9910B
Description  Universal High Brightness LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9910B Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  FC9910B Datasheet HTML 1Page - First Silicon Co., Ltd FC9910B Datasheet HTML 2Page - First Silicon Co., Ltd FC9910B Datasheet HTML 3Page - First Silicon Co., Ltd FC9910B Datasheet HTML 4Page - First Silicon Co., Ltd FC9910B Datasheet HTML 5Page - First Silicon Co., Ltd FC9910B Datasheet HTML 6Page - First Silicon Co., Ltd FC9910B Datasheet HTML 7Page - First Silicon Co., Ltd FC9910B Datasheet HTML 8Page - First Silicon Co., Ltd FC9910B Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
The FC9910B is a low cost off line buck boost or buck-
boost converter control IC specifically designed for driving
enables fairly accurate LED current control without the need
multi-LED strings or arrays. It can be operated from either
universal AC line o r any DC voltage between 8~450V.
Optionally, passive power factor collection circuit can be
used in order to pass the AC harmonic limits set by EN 61000-
3-2 Class C for lighting equipment having input power less
than 25W.
The FC9910B can drive up to hundreds of
high brightness LEDs or multiple strings of HB LEDs.
The LED arrays can be configured as a series or series/
parallel connection.
The FC9910B regulates constant
current that ensures controlled brightness and spectrum
of the LEDs. and extends their life time. The FC9910B
features an enable pin(PWM_D) that allows PWM control
of brightness.
The FC9910B can also control brightness of LEDs by
programming continuous output current of the LED driver
(so called linear dimming) when a control voltage is
applied to the LIN_D pin.
The FC9910B is offered in standard SOP-8. It is also
available in a high voltage rated SOP-16 package for
applications that require Vin greater than 250V.
The FC9910B includes an internal high voltage linear
regulator that powers all internal circuits and can also
serve as a bias supply for low voltage external circuitry.
The FC9910B can control all basic types of converters,
isolated or non-isolated operating in continuous or
discontinuous conduction mode. When the gate signal
enhances the internal power MOSFET, the LED driver
stores the input energy in an inductor or in the primary
inductance of a transformer and depending on the converter
type may partially driver the energy directly to LEDs.
delivered to the output during the off cycle of the power
MOSFET producing current through the string of LEDs.
(Flyback mode of operation)
When the voltage at the Vcc pin e xceeds the UVLO
threshold the gate drive is enabled. The output current
is controlled by means of limiting peak current in the internal
power MOSFET. A current sense resistor is connected in
series with the source terminal of the MOSFET.
The energy stored in the magnetic component is further
The voltage from the sense resister is applied to the
ISEN pin of the FC9910B. When the voltage at ISEN
pin exceeds a peak current sense voltage threshold,
the gate drive signal terminates, and the power MOSFET
turn off. The threshold is internally set to 250mV, or it
can be programmed externally by applying voltage to the
LIN_D pin. When soft start is required, a capacitor can
be connected to the LIN_D pin to allow this voltage to ramp
Optionally a simple passive power factor correction circuit
at a desired rate, therefore, assuring that output current
of the LED ramps gradually.
consisting of 3 diodes and 2 capacitors, can be added as
as shown in the application circuit diagram of figure 1.
A current of 1mA is needed to start the FC9910B.
As shown in block diagram , this current is internally generated
-
in FC9910B without using bulky start up resistors typically
required in the off line applications.
Moreover, in many
applications the FC9910B can be continuously powered
using its internal linear regulator that provides a regulated
voltage of 7.5V for all internal circuits.
When the buck converter topology of Figure 1 is selected.
The peak ISEN voltage is a good representation of the
everage current in the LED. However there is a certain
error associated with this current sensing methode that
need to be accounted for. This error is i ntroduced by the
difference between the peak and the everage current in
the inductor is 150mA, to get a 500mA LED current, the
sense resistor should be 250mV/(500mA+0.5*150mA) =
0.43 ohm.
Dimming can be accomplished in two ways, seperately
or combined, depending on the application.
Light output of the LED can be controlled either by linear
change of its current, or by switching the current on and
off while maintaining it constant.
The second dimming methode (so called PWM dimming)
controls LED brightness by varying the duty ratio of the
output current.
Application Information
FC9910B
2013. 08. 29
5/10
Revision No : 1
1. LED Driver Operation
2. Supply current
3. Setting Light output
4. Dimming



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com