Electronic Components Datasheet Search
  English  ▼

X  

FC9910B Datasheet(PDF) 10 Page - First Silicon Co., Ltd

Part # FC9910B
Description  Universal High Brightness LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9910B Datasheet(HTML) 10 Page - First Silicon Co., Ltd

Back Button FC9910B Datasheet HTML 2Page - First Silicon Co., Ltd FC9910B Datasheet HTML 3Page - First Silicon Co., Ltd FC9910B Datasheet HTML 4Page - First Silicon Co., Ltd FC9910B Datasheet HTML 5Page - First Silicon Co., Ltd FC9910B Datasheet HTML 6Page - First Silicon Co., Ltd FC9910B Datasheet HTML 7Page - First Silicon Co., Ltd FC9910B Datasheet HTML 8Page - First Silicon Co., Ltd FC9910B Datasheet HTML 9Page - First Silicon Co., Ltd FC9910B Datasheet HTML 10Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
FC9910B
2013. 08. 29
10/10
Revision No : 1
Figure 5: FC9910B Buck driver for a single 900mA HB LED
Figure 6: FC9910B Buck-boost driver string 3 to 8, 350mA HB LED
VIN +1
VIN =8~30V
VIN -1
C7
10µF,25V
C6
10µF,25V
VDD
LIN_D
PWM_D
ISEN
DRV
Rosc
U2
D2
SS14
R11
267K
220µH
2
1
HB LED 900mA at 4.5V
LED
R10
0.27
Ω
6
7
5
3
2
4
8
1
FC9910B
2.2µF,10V
C5
Q2
FTK4828D
PWMD
FC9910B
PWM_D
ISEN
DRV
LIN_D
VDD
3~8, 350mA HB LED’s



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com