Electronic Components Datasheet Search
  English  ▼

X  

FC9910B Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FC9910B
Description  Universal High Brightness LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9910B Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FC9910B Datasheet HTML 1Page - First Silicon Co., Ltd FC9910B Datasheet HTML 2Page - First Silicon Co., Ltd FC9910B Datasheet HTML 3Page - First Silicon Co., Ltd FC9910B Datasheet HTML 4Page - First Silicon Co., Ltd FC9910B Datasheet HTML 5Page - First Silicon Co., Ltd FC9910B Datasheet HTML 6Page - First Silicon Co., Ltd FC9910B Datasheet HTML 7Page - First Silicon Co., Ltd FC9910B Datasheet HTML 8Page - First Silicon Co., Ltd FC9910B Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
FC9910B
2013. 08. 29
3/10
Revision No : 1
Specifications
(TA = 25°C unless noted otherwise)
s
n
o
i
t
i
d
n
o
C
s
t
i
n
U
x
a
M
p
y
T
n
i
M
n
o
i
t
p
i
r
c
s
e
D
l
o
b
m
y
S
VINDC
Input DC supply voltage range
8.0
450
V
DC input voltage
IINsd
Shut-Down mode supply current
0.5
1
mA
Pin PWM_D to GND, VIN = 8V
VDD
V
0
.
8
5
.
7
0
.
7
e
g
a
t
l
o
v
d
e
t
a
l
u
g
e
r
y
ll
a
n
r
e
t
n
I
VIN = 8–450V, IDD(ext)=0, pin Gate
open
VDDmax
V
5
.
3
1
e
g
a
t
l
o
v
d
d
V
n
i
p
l
a
m
i
x
a
M
When an external voltage applied
to pin Vdd
IDD(ext)
VDD current available for external circuitry
1
1.0
mA
VIN = 8–100V
UVLO
VDD undervoltage lockout threshold
6.45
6.7
6.95
V
Vin rising
∆UVLO
VDD undervoltage lockout hysteresis
500
mV
Vin falling
VEN(lo)
V
V
0
.
1
e
g
a
t
l
o
v
w
o
l
t
u
p
n
i
D
_
M
W
P
n
i
P
IN = 8–450V
VEN(hi)
Pin PWM_D input high voltage
2.4
V
VIN = 8–450V
REN
Pin PWM_D pull-down resistance
50
100
150
kΩ
VEN = 5V
VCS(hi)
Current sense pull-in threshold voltage
225
250
275
mV
@TA = -40
°C to +85°C
VGATE(hi)
V
e
g
a
t
l
o
v
t
u
p
t
u
o
h
g
i
h
E
T
A
G
DD-0.3
VDD
V
IOUT = 10mA
VGATE(lo)
I
V
3
.
0
0
e
g
a
t
l
o
v
t
u
p
t
u
o
w
o
l
E
T
A
G
OUT = -10mA
fOSC
Oscillator frequency
20
80
25
100
30
120
kHz
kHz
ROSC = 1.00MΩ
ROSC = 226kΩ
DMAXhf
Maximum Oscillator PWM Duty Cycle
100
%
FPWMhf = 25kHz, at GATE, CS to
GND. GBD
VLD
Linear Dimming pin voltage range
0
250
mV
@TA = <85
°C, Vin = 12V
TBLANK
Current sense blanking interval
150
215
280
ns
VCS = 0.55VLD, VLD = VDD
tDELAY
Delay from CS trip to GATE lo
300
ns
Vin = 12V, VLD = 0.15, VCS = 0 to
0.22V after TBLANK
tRISE
C
s
n
0
5
0
3
e
m
i
t
e
s
i
r
t
u
p
t
u
o
E
T
A
G
GATE = 500pF
tFALL
C
s
n
0
5
0
3
e
m
i
t
ll
a
f
t
u
p
t
u
o
E
T
A
G
GATE = 500pF
1 Also limited by package power dissipation limit, whichever is lower.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com