Electronic Components Datasheet Search
  English  ▼

X  

FC9910B Datasheet(PDF) 7 Page - First Silicon Co., Ltd

Part # FC9910B
Description  Universal High Brightness LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9910B Datasheet(HTML) 7 Page - First Silicon Co., Ltd

Back Button FC9910B Datasheet HTML 2Page - First Silicon Co., Ltd FC9910B Datasheet HTML 3Page - First Silicon Co., Ltd FC9910B Datasheet HTML 4Page - First Silicon Co., Ltd FC9910B Datasheet HTML 5Page - First Silicon Co., Ltd FC9910B Datasheet HTML 6Page - First Silicon Co., Ltd FC9910B Datasheet HTML 7Page - First Silicon Co., Ltd FC9910B Datasheet HTML 8Page - First Silicon Co., Ltd FC9910B Datasheet HTML 9Page - First Silicon Co., Ltd FC9910B Datasheet HTML 10Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
FC9910B
2013. 08. 29
7/10
Revision No : 1
7. Inductor Design
Reffering to t he typical application circuit below the
value can be calculated from the desired peak to peak
LED ripple current in the inductor.
Typically such ripple current is selected to be 30% of
the nominal LED current. In the example given here,
the nominal current I
is 350mA.
The next step is determining the total voltage drop
across the LED string. For example, when the string
consists of 10 High Brightness LEDs and each didode
has a forward voltage drop of 3.0V at its nominal current
, the total LED voltage V
is 30V.
Knowing the nominal rectified input voltage
Vin = 120V*1.41 = 169V, the switching duty ratio can
be determined as:
D = V
/ Vin = 30 / 169 = 0.177
8. Input Bulk Capacitor
Then given the switching frequency , in the example
fOSC = 50kHz, the required on time of the MOSFET
transistor can be calculated:
T
= D/ fOSC = 3.5 microsecond
The required value of the inductor is given by
L = (V - V
)* T
/ (0.3*I
) = 4.6mH
An input filter capacitor should be designed to hold
the rectified AC voltage above twice the LED string
voltage throughout the AC line cycle.
Assuming 15% relative voltage ripple across the
capacitor, a simplified formula for the minimum value
of the bulk input capacitor is given by:
A passive PFC circuit at the input requires using two
series connected capacitors at the place of calculated
CMIN .
Each of these identical capacitors should be
rated for 1/2 of the input voltage and have twice as
much capacitance.
The FC9910B can be turned off by pulling the PWM_D
pin to ground. When disabled, the FC9910B draws
quiescent current of less then 1mA.
LED
LED
LED
ON
IN
LEDS
ON
LED
C
= I
* V
* 0.06 / V
LED
MIN
LEDS
N
2
C
= 22uF, a value 22uF / 250V can be used.
MIN
9. Enable
6. Power Factor Correction
When the input power to the LED driver does not
exceed 25W, a simple passive power factor
correction circuit can be added to the FC9910B
application circuit of Figure 4 in order to pass the
AC line harmonic limits of the EN61000-3-2
standard for Class C equipment. The typical
application circuit diagram shows how this can be
done without affecting the rest of the circuit
significantly. A simple circuit consisting of 3 diodes
and 2 capacitors is added across the rectified AC
line input to improve the line current harmonic
distortion and to achieve a power factor greater
than 0.85.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com