Electronic Components Datasheet Search
  English  ▼

X  

FC9910B Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FC9910B
Description  Universal High Brightness LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9910B Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FC9910B Datasheet HTML 1Page - First Silicon Co., Ltd FC9910B Datasheet HTML 2Page - First Silicon Co., Ltd FC9910B Datasheet HTML 3Page - First Silicon Co., Ltd FC9910B Datasheet HTML 4Page - First Silicon Co., Ltd FC9910B Datasheet HTML 5Page - First Silicon Co., Ltd FC9910B Datasheet HTML 6Page - First Silicon Co., Ltd FC9910B Datasheet HTML 7Page - First Silicon Co., Ltd FC9910B Datasheet HTML 8Page - First Silicon Co., Ltd FC9910B Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in
the operational sections of the
specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Parameter
Value
V
N to GND
-0.5V to +470V
V
DD to GND
13.5V
CS, LD, PWMD, GATE, RT to GND
-0.3V to (V
DD +0.3V)
Operating temperature range
-40°C to +85°C
Storage temperature range
-65°C to +150°C
Continuous power dissipation
(T
A = +70°C)
SOP-8
SOP-16
340mW
550mW
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
8
7
6
5
1
2
3
4
VIN
ISEN
GND
DRV
ROSC
LIN_D
VDD
PWM_D
VIN
NC
NC
ISEN
GND
NC
NC
DRV
NC
NC
ROSC
LIN_D
VDD
NC
NC
PWM_D
Pin Description
SOP-8
SOP-16
Thermal Resistance
Package
θ
ja
SOP-8
160OC/W
SOP-16(Exposed pad)
60 OC/W
SOP-16(Exposed pad)
920mW
SOP-16(Exposed pad)
SOP-16
100OC/W
Name
FC9910B
FC9910BP
FC9910BX
FC9910B
2013. 08. 29
2/10
Revision No : 1
Figure 2. Pin Assignment of FC9910B



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com