Electronic Components Datasheet Search
  English  ▼

X  

CC3235MODAX Datasheet(PDF) 28 Page - Texas Instruments

Part # CC3235MODAX
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODAX Datasheet(HTML) 28 Page - Texas Instruments

Back Button CC3235MODAX Datasheet HTML 24Page - Texas Instruments CC3235MODAX Datasheet HTML 25Page - Texas Instruments CC3235MODAX Datasheet HTML 26Page - Texas Instruments CC3235MODAX Datasheet HTML 27Page - Texas Instruments CC3235MODAX Datasheet HTML 28Page - Texas Instruments CC3235MODAX Datasheet HTML 29Page - Texas Instruments CC3235MODAX Datasheet HTML 30Page - Texas Instruments CC3235MODAX Datasheet HTML 31Page - Texas Instruments CC3235MODAX Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 100 page
background image
Copyright © 2019, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
28
CC3235MODAS, CC3235MODASF
SWRS233 – OCTOBER 2019
www.ti.com
NOTE
The ADC inputs are tolerant up to 1.8 V (see Section 5.19.5.6 for further details on the useable range of the ADC). The digital pads can tolerate
up to 3.6 V. Hence, take care to prevent accidental damage to the ADC inputs. TI recommends first disabling the output buffers of the digital I/Os
corresponding to the desired ADC channel (that is, converted to Hi-Z state), and thereafter disabling the respective pass switches (S7 [Pin 47],
S8 [Pin 48], S9 [Pin 49], and S10 [Pin 50]). For more information, see Drive Strength and Reset States for Analog-Digital Multiplexed Pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com