Electronic Components Datasheet Search
  English  ▼

X  

CC3235MODAX Datasheet(PDF) 38 Page - Texas Instruments

Part # CC3235MODAX
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODAX Datasheet(HTML) 38 Page - Texas Instruments

Back Button CC3235MODAX Datasheet HTML 34Page - Texas Instruments CC3235MODAX Datasheet HTML 35Page - Texas Instruments CC3235MODAX Datasheet HTML 36Page - Texas Instruments CC3235MODAX Datasheet HTML 37Page - Texas Instruments CC3235MODAX Datasheet HTML 38Page - Texas Instruments CC3235MODAX Datasheet HTML 39Page - Texas Instruments CC3235MODAX Datasheet HTML 40Page - Texas Instruments CC3235MODAX Datasheet HTML 41Page - Texas Instruments CC3235MODAX Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 100 page
background image
38
CC3235MODAS, CC3235MODASF
SWRS233 – OCTOBER 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
Specifications
Copyright © 2019, Texas Instruments Incorporated
(1)
Measurements taken at maximum TX power
(2)
The and system is a constant power-source system. The active current numbers scale based on the VBAT voltage supplied.
(3)
Typical numbers assume a VSWR of 1.5:1.
(4)
DTIM = 1
(5)
LPDS current does not include the external serial flash. The and can be configured to retain 0 KB, 64 KB, 128 KB, 192 KB, or 256 KB of
SRAM in LPDS. Each 64-KB block of MCU retained SRAM increases LPDS current by 4 µA.
(6)
The complete calibration can take up to 17 mJ of energy from the battery over a time of 24 ms. In default mode, calibration is performed
sparingly, and typically occurs when re-enabling the NWP and when the temperature has changed by more than 20°C. There are two
additional calibration modes that may be used to reduced or completely eliminate the calibration event. For further details, see CC31xx,
CC32xx SimpleLink™ Wi-Fi® and IoT Network Processor Programmer's Guide.
Table 5-2. Current Consumption Summary (CC3235MODAS) 5 GHz RF Band
TA = 25°C, VBAT = 3.6 V
PARAMETER
TEST CONDITIONS(1) (2)
MIN
TYP(3)
MAX
UNIT
MCU ACTIVE
NWP ACTIVE
TX
6 OFDM
318
mA
54 OFDM
293
RX
54 OFDM
67
NWP idle connected(4)
15.3
MCU SLEEP
NWP ACTIVE
TX
6 OFDM
315
mA
54 OFDM
290
RX
54 OFDM
64
NWP idle connected(4)
12.2
MCU LPDS
NWP ACTIVE
TX
6 OFDM
312
mA
54 OFDM
287
RX
54 OFDM
61
NWP LPDS(5)
SRAM Retention
64 KB
120
µA
256 KB
135
NWP idle connected(4)
710
MCU SHUTDOWN
MCU shutdown
1
µA
MCU HIBERNATE
MCU hibernate
5.5
µA
Peak calibration current(6)
VBAT = 3.6 V
290
mA
VBAT = 3.3 V
310
VBAT = 2.7 V
310
VBAT = 2.3 V
365



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com