Electronic Components Datasheet Search
  English  ▼

X  

CC3235MODAX Datasheet(PDF) 61 Page - Texas Instruments

Part # CC3235MODAX
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODAX Datasheet(HTML) 61 Page - Texas Instruments

Back Button CC3235MODAX Datasheet HTML 57Page - Texas Instruments CC3235MODAX Datasheet HTML 58Page - Texas Instruments CC3235MODAX Datasheet HTML 59Page - Texas Instruments CC3235MODAX Datasheet HTML 60Page - Texas Instruments CC3235MODAX Datasheet HTML 61Page - Texas Instruments CC3235MODAX Datasheet HTML 62Page - Texas Instruments CC3235MODAX Datasheet HTML 63Page - Texas Instruments CC3235MODAX Datasheet HTML 64Page - Texas Instruments CC3235MODAX Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 100 page
background image
61
CC3235MODAS, CC3235MODASF
www.ti.com
SWRS233 – OCTOBER 2019
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
Specifications
Copyright © 2019, Texas Instruments Incorporated
5.19.5.9 External Flash Interface
The CC3235MODAx MCU includes the Macronix™ 32-Mbit Serial Flash. The serial Flash can be
programmed directly using the external Flash interface (pins 13, 14, 15, and 17). Note that during normal
operation, the external Flash interface should remain unconnected.
For timing details, see the MX25R3235F data sheet.
5.19.5.10 SD Host
The CC3235MODAx MCU provides an interface between a local host (LH), such as an MCU and an SD
memory card, and handles SD transactions with minimal LH intervention.
The SD host does the following:
•
Provides SD card access in 1-bit mode
•
Deals with SD protocol at the transmission level
•
Handles data packing
•
Adds cyclic redundancy checks (CRC)
•
Start and end bit
•
Checks for syntactical correctness
The application interface sends every SD command and either polls for the status of the adapter or waits
for an interrupt request. The result is then sent back to the application interface in case of exceptions or to
warn of end-of-operation. The controller can be configured to generate DMA requests and work with
minimum CPU intervention. Given the nature of integration of this peripheral on the CC3235x platform, TI
recommends that developers use peripheral library APIs to control and operate the block. This section
emphasizes understanding the SD host APIs provided in the peripheral library of the CC3235x Software
Development Kit (SDK).
The SD Host features are as follows:
•
Full compliance with SD command and response sets, as defined in the SD memory card
–
Specifications, v2.0
–
Includes high-capacity (size >2 GB) cards HC SD
•
Flexible architecture, allowing support for new command structure.
•
1-bit transfer mode specifications for SD cards
•
Built-in 1024-byte buffer for read or write
–
512-byte buffer for both transmit and receive
–
Each buffer is 32-bits wide by 128-words deep
•
32-bit-wide access bus to maximize bus throughput
•
Single interrupt line for multiple interrupt source events
•
Two slave DMA channels (1 for TX, 1 for RX)
•
Programmable clock generation
•
Integrates an internal transceiver that allows a direct connection to the SD card without external
transceiver
•
Supports configurable busy and response timeout
•
Support for a wide range of card clock frequency with odd and even clock ratio
•
Maximum frequency supported is 24 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com