Electronic Components Datasheet Search
  English  ▼

X  

CC3235MODAX Datasheet(PDF) 45 Page - Texas Instruments

Part # CC3235MODAX
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODAX Datasheet(HTML) 45 Page - Texas Instruments

Back Button CC3235MODAX Datasheet HTML 41Page - Texas Instruments CC3235MODAX Datasheet HTML 42Page - Texas Instruments CC3235MODAX Datasheet HTML 43Page - Texas Instruments CC3235MODAX Datasheet HTML 44Page - Texas Instruments CC3235MODAX Datasheet HTML 45Page - Texas Instruments CC3235MODAX Datasheet HTML 46Page - Texas Instruments CC3235MODAX Datasheet HTML 47Page - Texas Instruments CC3235MODAX Datasheet HTML 48Page - Texas Instruments CC3235MODAX Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 100 page
background image
45
CC3235MODAS, CC3235MODASF
www.ti.com
SWRS233 – OCTOBER 2019
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
Specifications
Copyright © 2019, Texas Instruments Incorporated
5.9
Electrical Characteristics for GPIO Pins
TA = 25°C, VBAT = 3.3 V
(1)
TI recommends using the lowest possible drive strength that is adequate for the applications. This recommendation minimizes the risk of
interference to the WLAN radio and reduces any potential degradation of RF sensitivity and performance. The default drive strength
setting is 6 mA.
5.10 GPIO Pins Except 25, 26, 42, and 44 (25°C)
(1)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
CIN
Pin capacitance
4
pF
VIH
High-level input voltage
0.65 × VDD
VDD + 0.5 V
V
VIL
Low-level input voltage
–0.5
0.35 × VDD
V
IIH
High-level input current
5
nA
IIL
Low-level input current
5
nA
VOH
High-level output voltage
IL = 2 mA; configured I/O drive
strength = 2 mA;
2.4 V
≤ VDD < 3.6 V
VDD × 0.8
V
IL = 4 mA; configured I/O drive
strength = 4 mA;
2.4 V
≤ VDD < 3.6 V
VDD × 0.7
IL = 6 mA; configured I/O drive
strength = 6 mA;
2.4 V
≤ VDD < 3.6 V
VDD × 0.7
IL = 2 mA; configured I/O drive
strength = 2 mA;
2.3 V
≤ VDD < 2.4 V
VDD × 0.75
VOL
Low-level output voltage
IL = 2 mA; configured I/O drive
strength = 2 mA;
2.4 V
≤ VDD < 3.6 V
VDD × 0.2
V
IL = 4 mA; configured I/O drive
strength = 4 mA;
2.4 V
≤ VDD < 3.6 V
VDD × 0.2
IL = 6 mA; configured I/O drive
strength = 6 mA;
2.4 V
≤ VDD < 3.6 V
VDD × 0.2
IL = 2 mA; configured I/O drive
strength = 2 mA;
2.3 V
≤ VDD < 2.4 V
VDD × 0.25
IOH
High-level
source
current,
2-mA drive
2
mA
4-mA drive
4
6-mA drive
6
IOL
Low-level sink
current,
2-mA drive
2
mA
4-mA drive
4
6-mA drive
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com